Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1504 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR1504
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1504 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR1504 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1504 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR1504 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR1504 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SR1504
SR1504
SR1504
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308047
Version: F13
PACKAGE
R0
R-6
1,000 / 13" Paper reel
SR1502 thru SR1504
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
B0
R-6
400 / Bulk packing
PACKING
SR15xx
(Note 1)
Prefix "H"
A0
Suffix "G"
R-6
700 / Ammo box
Note 1: "xx" defines voltage from 20V (SR1502) to 40V (SR1504)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SR1504 A0
A0
SR1504 A0G
A0
G
Green compound
SR1504HA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
AMBIENT TEMPERATURE (oC)
FIG.1 RATED FORWARD CURRENT VS AMBIENT
TEMP. CURVE
DC forward
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
60Hz
50 Hz
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENTAGE OF VR (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=100℃
TJ=25℃
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - SR1504

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1504 TSC-SR1504 Datasheet
617Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
SR1504 TSC-SR1504 Datasheet
499Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
SR1504 TSC-SR1504 Datasheet
250Kb / 4P
   15.0AMPS. Schottky Barrier Rectifiers High reliability
More results

Similar Description - SR1504

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com