Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753104GK Datasheet(PDF) 10 Page - NEC

Part # UPD753104GK
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753104GK Datasheet(HTML) 10 Page - NEC

Back Button UPD753104GK Datasheet HTML 6Page - NEC UPD753104GK Datasheet HTML 7Page - NEC UPD753104GK Datasheet HTML 8Page - NEC UPD753104GK Datasheet HTML 9Page - NEC UPD753104GK Datasheet HTML 10Page - NEC UPD753104GK Datasheet HTML 11Page - NEC UPD753104GK Datasheet HTML 12Page - NEC UPD753104GK Datasheet HTML 13Page - NEC UPD753104GK Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
10
µPD753104, 753106, 753108
3.1 Port Pins (2/2)
Pin Name
Input/Output
Alternate
Function
8-bit
After Reset
I/O Circuit
Function
I/O
TYPE Note 1
P60
Input/Output
KR0
No
Input
(F)-A
P61
KR1
P62
KR2
P63
KR3
P80
Input/Output
S23
Yes
Input
H
P81
S22
P82
S21
P83
S20
P90
Input/Output
S19
Input
H
P91
S18
P92
S17
P93
S16
Notes 1.
Characters in parentheses indicate the Schmitt trigger input.
2.
When these pins are used as segment signal output pins, do not connect the on-chip pull-up resistor
by software.
Programmable 4-bit input/output port
(PORT6).
This port can be specified for input/output
bit-wise.
Connection of on-chip pull-up resistors can
be specified by software in 4-bit units.
4-bit input/output port (PORT8).
Connection of on-chip pull-up resistors can
be specified by software in 4-bit units Note 2.
4-bit input/output port (PORT9).
Connection of on-chip pull-up resistors can
be specified by software in 4-bit units Note 2.


Similar Part No. - UPD753104GK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753104GK-XXX-8A8 RENESAS-UPD753104GK-XXX-8A8 Datasheet
751Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
UPD753104GK-XXX-9ET RENESAS-UPD753104GK-XXX-9ET Datasheet
751Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
UPD753104GK-XXX-9ET-A RENESAS-UPD753104GK-XXX-9ET-A Datasheet
751Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD753104GK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com