Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAS8100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS8100
Description  Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS8100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS8100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS8100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRAS8100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRAS8100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309054
Version: I13
Storage temperature range
- 55 to +150
Typical thermal resistance
Operating junction temperature range
3
- 55 to +125
Voltage rate of change (Rated VR)
10000
5-
-5
V
0.55
0.70
Note 1: Pulse test with PW=300μs, 1% duty cycle
SRAS
820
SRAS
830
SRAS
840
SRAS
850
SRAS
860
A
Maximum average forward rectified current
8
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100 ℃
TJ=125 ℃
IR
0.1
mA
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
VF
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
SRAS
8100
SRAS
8150
0.95
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
SRAS
890
Polarity:
As marked
Weight:
1.37 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
Unit
SRAS820 thru SRAS8150
Taiwan Semiconductor
Surface Mount Schottky Barrier Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
TO-263AB (D
2PAK)


Similar Part No. - SRAS8100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS8100 TSC-SRAS8100 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS8100 TSC-SRAS8100 Datasheet
161Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS8100 TSC-SRAS8100 Datasheet
137Kb / 2P
   8.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRAS8100

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com