Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1308A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1308A
Description  SAW Filter 1542.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1308A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1308A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1308A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
E. PCB Footprint:


Similar Part No. - TA1308A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1308A GOLLEDGE-TA1308A Datasheet
143Kb / 5P
   SAW Filter 1542.50MHz
More results

Similar Description - TA1308A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2240A TAI-SAW-TA2240A Datasheet
419Kb / 7P
   SAW Filter 1542.5 MHz
logo
RF Monolithics, Inc
SF2275E RFM-SF2275E Datasheet
798Kb / 5P
   1542.5 MHz SAW Filter
SF2235G RFM-SF2235G Datasheet
577Kb / 5P
   1542.5 MHz SAW Filter
SF2235E RFM-SF2235E Datasheet
837Kb / 5P
   1542.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1405A TAI-SAW-TA1405A Datasheet
358Kb / 8P
   SAW Filter 1542.5 MHz
TA0425B TAI-SAW-TA0425B Datasheet
502Kb / 9P
   SAW Filter 1542.5 MHz
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA1405C TAI-SAW-TA1405C Datasheet
398Kb / 7P
   SAW Filter 1542.5 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA2623A TAI-SAW-TA2623A Datasheet
883Kb / 8P
   SAW Filter 1542.5 MHz SMD 1.4횞1.1 mm (BW=35 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com