Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75306BGF Datasheet(PDF) 4 Page - NEC

Part # UPD75306BGF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75306BGF Datasheet(HTML) 4 Page - NEC

  UPD75306BGF Datasheet HTML 1Page - NEC UPD75306BGF Datasheet HTML 2Page - NEC UPD75306BGF Datasheet HTML 3Page - NEC UPD75306BGF Datasheet HTML 4Page - NEC UPD75306BGF Datasheet HTML 5Page - NEC UPD75306BGF Datasheet HTML 6Page - NEC UPD75306BGF Datasheet HTML 7Page - NEC UPD75306BGF Datasheet HTML 8Page - NEC UPD75306BGF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
4
µPD75304B,75306B,75308B
FUNCTION OUTLINE (2/2)
Function
• Watch timer
• 0.5 seconds time interval generation
• Count clock source: Main system clock and subsystem clock
switchable
• Fast watch mode (3.9 ms time interval generation)
• Buzzer output possible (2 kHz)
• Three modes application possible
• 3-wire serial I/O mode
• 2-wire serial I/O mode
• SBI mode
• LSB top/MSB top switchable
Special bit manipulation memory: 16 bits
• Perfect for remote control application
Timer/event counter output (PTO0): Arbitrary frequency square wave output
Clock output (PCL):
Φ, 524, 262, 65.5 kHz (4.19 MHz operation)
Buzzer output (BUZ): 2 kHz (4.19 MHz or 32.768 kHz operation)
• External: 3
• Internal: 3
• External: 1
• Internal: 1
• Main system clock oscillation ceramic/crystal oscillation circuit: 4.194304 MHz
• Subsystem clock oscillation crystal oscillation circuit: 32.768 kHz
STOP/HALT mode
• 80-pin plastic QFP (14
× 20 mm)
• 80-pin plastic QFP (s
s14 mm)
• 80-pin plastic TQFP (fine pitch) (s
s12 mm)
Item
Timer
8-bit serial interface
Bit sequential buffer
Clock output function
Vectored interrupt
Test input
System clock oscillator
Standby
Package
3 channels


Similar Part No. - UPD75306BGF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75306BGF-XXX-3B9 RENESAS-UPD75306BGF-XXX-3B9 Datasheet
626Kb / 78P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75306BGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com