Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75402A Datasheet(PDF) 11 Page - NEC

Part # UPD75402A
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402A Datasheet(HTML) 11 Page - NEC

Back Button UPD75402A Datasheet HTML 7Page - NEC UPD75402A Datasheet HTML 8Page - NEC UPD75402A Datasheet HTML 9Page - NEC UPD75402A Datasheet HTML 10Page - NEC UPD75402A Datasheet HTML 11Page - NEC UPD75402A Datasheet HTML 12Page - NEC UPD75402A Datasheet HTML 13Page - NEC UPD75402A Datasheet HTML 14Page - NEC UPD75402A Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
µPD75402A(A)
3.5
HANDLING UNUSED PINS
Recommended connection method
Connected to the VSS pin
When a pull-up resistor is contained
Connected to the VDD pin
When a pull-up resistor is not contained
Connected to the VSS or VDD pin
When a pull-up resistor is contained
Input mode
: Connected to the VDD pin
Output mode : Open
When a pull-up resistor is not contained
Input mode
: Connected to the VSS or VDD pin
Output mode : Open
Open or directly connected to the VSS pin Note
Pin
P00
P01 - P03
P10, P12
P20 - P23
P30 - P33
P50 - P53
P60 - P63
NC
Connect a capacitor between the pin and VDD.
Note When the
µPD75402A(A) shares the printed circuit board with the µPD75P402, connect the NC pin
directly to VSS pin.
3.6
NOTES ON USING THE P00 AND RESET PINS
The P00 and RESET pins have the test mode selecting function for testing the internal operation of the
µPD75402A(A) (IC test), besides the functions shown in Sections 3.1 and 3.2.
Applying a voltage exceeding VDD to the P00 and/or RESET pin causes the
µPD75402A(A) to enter the test
mode. When noise exceeding VDD comes in during normal operation, the device is switched to the test mode.
For example, when the wiring from the P00 or RESET pin is too long, noise voltage induced on the wiring
is applied to the pin, driving the voltage at the pin above VDD, which may cause malfunction.
When installing the wiring, lay the wiring in such a way that noise is suppressed as much as possible. If
noise yet arises, use an external part to suppress it as shown below.
Connect a diode with low VF (0.3 V or lower)
between the pin and VDD.
VDD
P00, RESET
VDD
VDD
P00, RESET
VDD
Diode with
low VF


Similar Part No. - UPD75402A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75402A RENESAS-UPD75402A Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
UPD75402AC-XXX RENESAS-UPD75402AC-XXX Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
UPD75402ACT-XXX RENESAS-UPD75402ACT-XXX Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
UPD75402AGB-XXX-3B4 RENESAS-UPD75402AGB-XXX-3B4 Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75402A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com