Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD754202 Datasheet(PDF) 7 Page - NEC

Part # UPD754202
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754202 Datasheet(HTML) 7 Page - NEC

Back Button UPD754202 Datasheet HTML 3Page - NEC UPD754202 Datasheet HTML 4Page - NEC UPD754202 Datasheet HTML 5Page - NEC UPD754202 Datasheet HTML 6Page - NEC UPD754202 Datasheet HTML 7Page - NEC UPD754202 Datasheet HTML 8Page - NEC UPD754202 Datasheet HTML 9Page - NEC UPD754202 Datasheet HTML 10Page - NEC UPD754202 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7
µPD754202, 754202(A)
2.
BLOCK DIAGRAM
BASIC INTERVAL
TIMER/WATCHDOG
TIMER
8-BIT TIMER
COUNTER#0
8-BIT
TIMER
COUNTER#1
8-BIT
TIMER
COUNTER#2
CASCADED
16-BIT
TIMER
COUNTER
INTERRUPT
CONTROL
INTBT
RESET
INTT0
TOUT
INTT1
INTT2
PTO0/P30
PTO1/P31
PTO2/P32
INT0/P61
KR4/P70-
KR7/P73
ALU
PROGRAM COUNTER
PROGRAM MEMORY
(ROM)
2048
×8 BITS
DECODE
AND
CONTROL
CY
SP (8)
SBS
BANK
GENERAL REG.
DATA MEMORY
(RAM)
128
×4 BITS
PORT3
4
PORT6
4
PORT7
4
PORT8
1
BIT SEQ. BUFFER (16)
P30-P33
P60-P63
P70-P73
P80
CLOCK
DIVIDER
SYSTEM CLOCK
GENERATOR
STAND BY
CONTROL
fX/2N
X1
X2
Φ
CPU CLOCK
IC
V DD
VSS RESET
4
KRREN


Similar Part No. - UPD754202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD754202 RENESAS-UPD754202 Datasheet
512Kb / 68P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD754202

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com