Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS23M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS23M
Description  Surface Mount Schottky Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS23M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS23M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS23M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS23M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS23M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
Note 1: "x" defines voltage from 20V (SS22M) to 40V (SS24M)
Note 2: Whole series with green compound
PART NO.
SS24M
(TA=25℃ unless otherwise noted)
Document Number: DS_D1410055
Version: I14
SS22M thru SS24M
Taiwan Semiconductor
PACKING
ORDERING INFORMATION
EXAMPLE
3,000 / 7" Plastic reel
RS
G
Green compound
DESCRIPTION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
SS2xM
(Note 1, 2)
RS
G
Micro SMA
PREFERRED
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
SS24M RSG
RATINGS AND CHARACTERISTICS CURVES
0
0.4
0.8
1.2
1.6
2
2.4
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
8.3ms Single Half Sin Wave
JEDEC method
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=150℃
SS22M
SS23M-SS24M
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=150℃
TJ=125℃
TJ=25℃


Similar Part No. - SS23M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS23M TSC-SS23M Datasheet
548Kb / 2P
   2.0 AMPS Surface Mount Schottky Barrier Rectifiers
SS23M TSC-SS23M Datasheet
212Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS23M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com