Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1777IS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1777IS
Description  Low Noise Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777IS Datasheet(HTML) 1 Page - Linear Technology

  LT1777IS Datasheet HTML 1Page - Linear Technology LT1777IS Datasheet HTML 2Page - Linear Technology LT1777IS Datasheet HTML 3Page - Linear Technology LT1777IS Datasheet HTML 4Page - Linear Technology LT1777IS Datasheet HTML 5Page - Linear Technology LT1777IS Datasheet HTML 6Page - Linear Technology LT1777IS Datasheet HTML 7Page - Linear Technology LT1777IS Datasheet HTML 8Page - Linear Technology LT1777IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1777
Low Noise Step-Down
Switching Regulator
s
Programmable dI/dt Limit
s
Internally Limited dV/dt
s
High Input Voltage: 48V Max
s
700mA Peak Switch Rating
s
True Current Mode Control
s
100kHz Fixed Operating Frequency
s
Synchronizable to 250kHz
s
Low Supply Current in Shutdown: 30
µA
s
Low Thermal Resistance 16-Pin SO Package
The LT
®1777 is a Buck (step-down) regulator designed for
noise sensitive applications. It contains a dI/dt limiting
circuit programmed via a small external inductor in the
switching path. Internal circuitry also generates controlled
dV/dt ramp rates.
The monolithic die includes all oscillator, control and
protection circuitry. The part can accept operating input
voltages as high as 48V, and contains an output switch
rated at 700mA peak current. Current mode control offers
excellent dynamic input supply rejection and short-circuit
protection. The internal control circuitry is normally pow-
ered via the VCC pin, thereby minimizing power drawn
directly from the VIN supply (see Applications Informa-
tion). The fused-lead SO16 package and 100kHz switch-
ing frequency allow for minimal PC board area
requirements.
VSW
VOLTAGE
10V/DIV
500ns/DIV
1777 TA02
VSW Switching Waveforms
Low Noise 5V Step-Down Supply
s
Automotive Cellular and GPS Receivers
s
Telecom Power Supplies
s
Industrial Instrument Power Supplies
VSW
CURRENT
200mA/DIV
+
VIN
VCC
VSW
LT1777
VD
SHDN
SYNC
4
10
7
6
1
µH*
220
µH
100
µF
10V
36.5k
1%
1777 TA01
VOUT
5V
400mA
12.1k
1%
5
3
VIN
24V
12
14
13
VC
MBRS1100
FB
SGND
+
39
µF
63V
12k
2200pF
100pF
*PROGRAMS dI/dT
100pF
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1777IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
   Low Noise Step-Down Switching Regulator
More results

Similar Description - LT1777IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
   Low Noise Step-Down Switching Regulator
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com