Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1792ACN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1792ACN8
Description  Low Noise, Precision, JFET Input Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792ACN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1792ACN8 Datasheet HTML 4Page - Linear Technology LT1792ACN8 Datasheet HTML 5Page - Linear Technology LT1792ACN8 Datasheet HTML 6Page - Linear Technology LT1792ACN8 Datasheet HTML 7Page - Linear Technology LT1792ACN8 Datasheet HTML 8Page - Linear Technology LT1792ACN8 Datasheet HTML 9Page - Linear Technology LT1792ACN8 Datasheet HTML 10Page - Linear Technology LT1792ACN8 Datasheet HTML 11Page - Linear Technology LT1792ACN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1792
S
APPLICATI
I FOR ATIO
also increases the parasitic gate capacitance, which if left
unchecked, can result in increased overshoot and ring-
ing. When the feedback around the op amp is resistive
(RF), a pole will be created with RF, the source resistance
and capacitance (RS, CS), and the amplifier input capaci-
tance (CIN = 27pF). In low gain configurations and with
RS and RF in the kilohm range (Figure 5), this pole can
create excess phase shift and even oscillation. A small
capacitor (CF) in parallel with RF eliminates this problem.
With RS(CS + CIN) = RFCF, the effect of the feedback pole
is completely removed.
Figure 5
1792 F05
OUTPUT
RF
RS
CS
CF
CIN
1792 TA06
VOUT
TYPICAL OFFSET
≈ 0.8mV
1% TOLERANCES
FOR VIN = 10VP-P, VOUT = –121dB AT f > 330Hz
= – 6dB AT f = 16.3Hz
LOWER RESISTOR VALUES WILL RESULT IN LOWER THERMAL NOISE AND LARGER CAPACITORS
R3
249k
C2
100nF
C1
33nF
R1
237k
VIN
R2
237k
R6
249k
C4
330nF
3
2
LT1792
6
C3
10nF
R4
154k
R5
154k
7
15V
–15V
4
6
3
2
LT1792
10Hz Fourth Order Chebyshev Lowpass Filter (0.01dB Ripple)
S
APPLICATI
TYPICAL
Accelerometer Amplifier with DC Servo
7
5V TO 15V
– 5V TO –15V
4
1792 TA03
OUTPUT
R1
100M
C1
1250pF
R3
2k
C3
2
µF
R2
18k
C2
2
µF
2
3
R4
20M
LT1792
6
R5
20M
ACCELEROMETER
B & K MODEL 4381
OR EQUIVALENT
6
3
2
LT1792
R4C2 = R5C3 > R1 (1 + R2/R3) C1
OUTPUT = 0.8mV/pC* = 8.0mV/g**
DC OUTPUT
≤ 2.7mV
OUTPUT NOISE = 6nV/
√Hz AT 1kHz
*PICOCOULOMBS
**g = EARTH’S GRAVITATIONAL CONSTANT


Similar Part No. - LT1792ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
More results

Similar Description - LT1792ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com