Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1886 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1886
Description  Dual 700MHz, 200mA Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1886 Datasheet HTML 5Page - Linear Technology LT1886 Datasheet HTML 6Page - Linear Technology LT1886 Datasheet HTML 7Page - Linear Technology LT1886 Datasheet HTML 8Page - Linear Technology LT1886 Datasheet HTML 9Page - Linear Technology LT1886 Datasheet HTML 10Page - Linear Technology LT1886 Datasheet HTML 11Page - Linear Technology LT1886 Datasheet HTML 12Page - Linear Technology LT1886 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1886
Input Considerations
The inputs of the LT1886 are an NPN differential pair
protected by back-to-back diodes (see the Simplified
Schematic). There are no series protection resistors
onboard which would degrade the input voltage noise. If
the inputs can have a voltage difference of more than 0.7V,
the input current should be limited to less than 10mA with
external resistance (usually the feedback resistor or source
resistor). Each input also has two ESD clamp diodes—one
to each supply. If an input drive exceeds the supply, limit
the current with an external resistor to less than 10mA.
The LT1886 design is a true operational amplifier with high
impedance inputs and low input bias currents. The input
offset current is a factor of ten lower than the input bias
current. To minimize offsets due to input bias currents,
match the equivalent DC resistance seen by both inputs.
The low input noise current can significantly reduce total
noise compared to a current feedback amplifier, especially
for higher source resistances.
Layout and Passive Components
With a gain bandwidth product of 700MHz the LT1886
requires attention to detail in order to extract maximum
performance. Use a ground plane, short lead lengths and
a combination of RF-quality supply bypass capacitors
(i.e., 470pF and 0.1
µF). As the primary applications have
high drive current, use low ESR supply bypass capacitors
(1
µF to 10µF). For best distortion performance with high
drive current a capacitor with the shortest possible trace
lengths should be placed between Pins 4 and 8. The
optimum location for this capacitor is on the back side of
the PC board. The DSL driver demo board (DC304) for this
part uses a Taiyo Yuden 10
µFceramic(TMK432BJ106MM).
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input can combine with
the input capacitance to form a pole which can cause
frequency peaking. In general, use feedback resistors of
1k
Ω or less.
Thermal Issues
The LT1886 enhanced
θJA SO-8 package has the Vpin
fused to the lead frame. This thermal connection increases
the efficiency of the PC board as a heat sink. The PCB
material can be very effective at transmitting heat between
the pad area attached to the Vpin and a ground or power
plane layer. Copper board stiffeners and plated through-
holes can also be used to spread the heat generated by the
device. Table 1 lists the thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with 2oz copper.
This data can be used as a rough guideline in estimating
thermal resistance. The thermal resistance for each appli-
cation will be affected by thermal interactions with other
components as well as board size and shape.
Table 1. Fused 8-Lead SO Package
COPPER AREA (2oz)
TOTAL
TOPSIDE
BACKSIDE
COPPER AREA
θJA
2500 sq. mm
2500 sq. mm
5000 sq. mm
80
°C/W
1000 sq. mm
2500 sq. mm
3500 sq. mm
92°C/W
600 sq. mm
2500 sq. mm
3100 sq. mm
96°C/W
180 sq. mm
2500 sq. mm
2680 sq. mm
98°C/W
180 sq. mm
1000 sq. mm
1180 sq. mm
112°C/W
180 sq. mm
600 sq. mm
780 sq. mm
116°C/W
180 sq. mm
300 sq. mm
480 sq. mm
118°C/W
180 sq. mm
100 sq. mm
280 sq. mm
120°C/W
180 sq. mm
0 sq. mm
180 sq. mm
122°C/W
Calculating Junction Temperature
The junction temperature can be calculated from the
equation:
TJ = (PD)(θJA) + TA
TJ = Junction Temperature
TA = Ambient Temperature
PD = Device Dissipation
θJA = Thermal Resistance (Junction-to-Ambient)
As an example, calculate the junction temperature for the
circuit in Figure 1 assuming an 85
°Cambienttemperature.
The device dissipation can be found by measuring the
supply currents, calculating the total dissipation and then
subtracting the dissipation in the load.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1886

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
More results

Similar Description - LT1886

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1969 LINER-LT1969 Datasheet
295Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com