Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF30U120C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF30U120C
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30U120C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF30U120C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30U120C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30U120C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF30U120C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF30U120C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ High efficiency
- High forward surge capability
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
dV/dt
V/μs
Typ.
Max.
Typ.
Max.
IF = 5A
0.52
-
0.56
-
IF = 7.5A
0.56
-
0.65
-
IF = 15A
0.66
0.74
0.78
0.88
IF = 5A
0.44
-
0.49
-
IF = 7.5A
0.51
-
0.56
-
IF = 15A
0.60
0.67
0.65
0.75
TJ = 25°C
12
500
15
500
μA
TJ = 125°C
7.0
35535
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411051
Version: D14
V
Instantaneous reverse current per diode at rated
reverse voltage
IR
Typical thermal resistance per diode
2.5
TJ = 125°C
VF
Instantaneous forward voltage per diode
( Note1 )
TJ = 25°C
VF
Storage temperature range
- 55 to +150
Note 1: Pulse Test with Pulse Width=300μs, 1% Duty Cycle
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
160
A
- 55 to +150
Voltage rate of change (Rated VR)
10000
Isolation voltage from terminal to heatsink t = 1 min
VAC
1500
Maximum average forward rectified
current
per device
IF(AV)
30
A
per diode
15
TSF30U
120C
UNIT
ITO-220AB
Polarity:
As marked
Molding compound meets UL 94 V-0 flammability rating
Maximum repetitive peak reverse voltage
100
120
TSF30U100C thru TSF30U120C
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters, lighting
and on-board DC/DC converters.
MECHANICAL DATA
Case:
ITO-220AB
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor
- Halogen-free according to IEC 61249-2-21 definition
V
3.5
Operating junction temperature range
Mounting torque:
0.56 Nm max.
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TSF30U
100C


Similar Part No. - TSF30U120C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF30U45C TSC-TSF30U45C Datasheet
200Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF30U45C TSC-TSF30U45C Datasheet
220Kb / 4P
   Trench Schottky Rectifier
TSF30U45C TSC-TSF30U45C_14 Datasheet
220Kb / 4P
   Trench Schottky Rectifier
TSF30U60C TSC-TSF30U60C Datasheet
358Kb / 4P
   Trench Schottky Rectifier
More results

Similar Description - TSF30U120C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com