Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1433A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1433A
Description  SAW Filter 2140 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1433A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1433A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2140 MHz
MODEL NO.:TA1433A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +70°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single ended) :
Zs = 50 Ω
Terminating load impedance (single ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
2140
-
-
Bandwidth@ -3dB (relative to Fc IL)
MHz
100
114
-
-
Insertion Loss (2090~2190 MHz)
IL
dB
-
3.5
5
-
Amplitude Ripple (2090~2190 MHz)
dB
-
1.6
3
VSWR (2090~2190 MHz)
-
2.2
2.5
-
Attenuation (reference level from 0 dB)
DC ~ 2050
MHz
dB
25
27
-
-
2230 ~ 3200
MHz
dB
25
32
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
Amplitude Ripple is relative to Fc IL.
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1433A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1433A GOLLEDGE-TA1433A Datasheet
206Kb / 6P
   SAW Filter 2140.0MHz
More results

Similar Description - TA1433A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1587A TAI-SAW-TA1587A Datasheet
143Kb / 8P
   SAW Filter 2140 MHz
logo
TriQuint Semiconductor
856738 TRIQUINT-856738_15 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856562 TRIQUINT-856562_15 Datasheet
478Kb / 5P
   2140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2225E RFM-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TriQuint Semiconductor
855937 TRIQUINT-855937 Datasheet
490Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845B TAI-SAW-TA1845B Datasheet
601Kb / 9P
   SAW Filter 2140 MHz
TA1396A TAI-SAW-TA1396A Datasheet
265Kb / 8P
   SAW Filter 2140 MHz BW60MHz
logo
API Technologies Corp
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com