Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75512 Datasheet(PDF) 2 Page - NEC

Part # UPD75512
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512 Datasheet(HTML) 2 Page - NEC

  UPD75512 Datasheet HTML 1Page - NEC UPD75512 Datasheet HTML 2Page - NEC UPD75512 Datasheet HTML 3Page - NEC UPD75512 Datasheet HTML 4Page - NEC UPD75512 Datasheet HTML 5Page - NEC UPD75512 Datasheet HTML 6Page - NEC UPD75512 Datasheet HTML 7Page - NEC UPD75512 Datasheet HTML 8Page - NEC UPD75512 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
µPD75512(A)
2
Electrical
Specifications
Item
Product
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD75512GF(A)-xxx-3B9
80-pin plastic QFP
Special
(14
× 20mm)
Remarks: xxx is ROM code number.
Please refer to “Quality Grade on NEC Semiconductor Devices” (Document number IEI-1209) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
Difference between
µPD75512(A) and µPD75512
µPD75512(A)
µPD75512
Quality Grade
Special
Standard
Absolute Maximum Ratings
Differ in high-level and low-level output current
DC Characteristics
Differ in low-level output voltage
A/D Converter Characteristics
Differ in ambient temperature range and absolute accuracy


Similar Part No. - UPD75512

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75512 RENESAS-UPD75512 Datasheet
586Kb / 70P
   MOS INTEGRATED CIRCUIT
1990
UPD75512GF-XXX-3B9 RENESAS-UPD75512GF-XXX-3B9 Datasheet
586Kb / 70P
   MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD75512

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com