Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI20H150CW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSI20H150CW
Description  20A, 100V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI20H150CW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSI20H150CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI20H150CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI20H150CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI20H150CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI20H150CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IF = 5A
0.57
-
0.62
-
0.72
-
0.77
-
IF = 10A
0.67
0.79
0.78
0.87
0.81
0.90
0.83
0.93
IF = 5A
0.50
-
0.53
-
0.58
-
0.62
-
IF = 10A
0.59
0.68
0.63
0.72
0.66
0.75
0.68
0.78
TJ = 25°C
-
200
-
200
-
100
-
100
μA
TJ = 125°C
825825315315
mA
RθJC
°C/W
RθJL
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411038
Version: C15
TSI20H100CW - TSI20H200CW
Taiwan Semiconductor
20A, 100V - 200V Trench Schottky Rectifiers
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Halogen-free according to IEC 61249-2-21 definition
I
2
PAK
TSI20H
100CW
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
MECHANICAL DATA
Case:
I
2PAK
Molding compound meets UL 94 V-0 flammability rating
Polarity:
As marked
Maximum repetitive peak reverse voltage
Maximum average forward rectified
current
per device
IF(AV)
20
Weight:
1.6 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
UNIT
A
per diode
10
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
150
A
TJ = 25°C
V
TJ = 125°C
Voltage rate of change (Rated VR)
10000
VF
150
200
Typical thermal resistance per diode
Operating junction temperature range
Storage temperature range
Note 1: Pulse test with pulse width = 300μs, 1% duty cycle
Instantaneous reverse current per diode at rated
reverse voltage
IR
Instantaneous forward voltage per diode
( Note1 )
2.8
3.8
- 55 to +150
- 55 to +150
TSI20H
120CW
TSI20H
150CW
TSI20H
200CW
100
120
1
2
3


Similar Part No. - TSI20H150CW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TSI20H200CW ISC-TSI20H200CW Datasheet
349Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - TSI20H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
   30A, 100V - 200V Trench Schottky Rectifiers
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
logo
Mospec Semiconductor
S20C70 MOSPEC-S20C70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20S70 MOSPEC-S20S70 Datasheet
243Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20D70 MOSPEC-S20D70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com