Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1288 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1288
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1288 Datasheet(HTML) 1 Page - Linear Technology

  LTC1288_15 Datasheet HTML 1Page - Linear Technology LTC1288_15 Datasheet HTML 2Page - Linear Technology LTC1288_15 Datasheet HTML 3Page - Linear Technology LTC1288_15 Datasheet HTML 4Page - Linear Technology LTC1288_15 Datasheet HTML 5Page - Linear Technology LTC1288_15 Datasheet HTML 6Page - Linear Technology LTC1288_15 Datasheet HTML 7Page - Linear Technology LTC1288_15 Datasheet HTML 8Page - Linear Technology LTC1288_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1285/LTC1288
3V Micropower Sampling
12-Bit A/D Converters in
SO-8 Packages
s
12-Bit Resolution
s
8-Pin SO Plastic Package
s
Low Cost
s
Low Supply Current: 160
µA Typ
s
Auto Shutdown to 1nA Typ
s
Guaranteed
±3/4LSB Max DNL
s
Single Supply 3V to 6V Operation
s
Differential Inputs (LTC1285)
s
2-Channel MUX (LTC1288)
s
On-Chip Sample-and-Hold
s
100
µs Conversion Time
s
Sampling Rates:
7.5ksps (LTC1285)
6.6ksps (LTC1288)
s
I/O Compatible with SPI, Microwire, etc.
The LTC
®1285/LTC1288 are 3V micropower, 12-bit, suc-
cessive approximation sampling A/D converters. They
typically draw only 160
µA of supply current when con-
verting and automatically power down to a typical supply
current of 1nA whenever they are not performing conver-
sions. They are packaged in 8-pin SO packages and
operate on 3V to 6V supplies. These 12-bit, switched-
capacitor, successive approximation ADCs include
sample-and-holds. The LTC1285 has a single differential
analog input. The LTC1288 offers a software selectable
2-channel MUX.
On-chip serial ports allow efficient data transfer to a wide
range of microprocessors and microcontrollers over three
wires. This, coupled with micropower consumption, makes
remote location possible and facilitates transmitting data
through isolation barriers.
These circuits can be used in ratiometric applications or
with an external reference. The high impedance analog
inputs and the ability to operate with reduced spans (to
1.5V full scale) allow direct connection to sensors and
transducers in many applications, eliminating the need for
gain stages.
APPLICATIONS
SAMPLE FREQUENCY (kHz)
0.1
1
10
100
1000
1
10
100
LTC1285/88 • TA02
TA = 25°C
VCC = 2.7V
VREF = 2.5V
fCLK = 120kHz
Supply Current vs Sample Rate
s
Pen Screen Digitizing
s
Battery-Operated Systems
s
Remote Data Acquisition
s
Isolated Data Acquisition
s
Battery Monitoring
s
Temperature Measurement
12
µW, S0-8 Package, 12-Bit ADC
Samples at 200Hz and Runs Off a 3V Supply
3V
1
µF
ANALOG INPUT
0V TO 3V RANGE
–IN
GND
VCC
CLK
DOUT
VREF
LTC1285
MPU
(e.g., 8051)
P1.4
P1.3
P1.2
+IN
LTC1285/88 • TA01
CS/SHDN
6
5
8
7
3
4
1
2
SERIAL DATA LINK
FEATURES
DESCRIPTION
TYPICAL APPLICATIONS N
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1288_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1288CN8 LINER-LTC1288CN8 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1288CS8 LINER-LTC1288CS8 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
More results

Similar Description - LTC1288_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1285 LINER-LTC1285_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1285 LINER-LTC1285 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1286 LINER-LTC1286_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1298 LINER-LTC1298_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286 LINER-LTC1286 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com