Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0006G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0006G
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0006G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0006G_15 Datasheet HTML 1Page - Solid States Devices, Inc RS0006G_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0006G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD __
__
__
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
Family/Voltage
0802 = 80 V
0902 = 90 V
1002 = 100 V
SPD0802 thru SPD1002
Series
2 AMP
80 - 100 VOLTS
SCHOTTKY
RECTIFIER
Features:
PIV to 100 Volts
Extremely Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Capacity
Possible Replacement for 1N5802 - 1N5806
Series
Hermetically Sealed
For high voltage versions, see data sheet
SH0077
TX, TXV, and Space Level Screening Available
2/
Category III metallurgical bond per MIL-PRF-
19500 appendix A
Maximum Ratings
Symbol
Value
Units
Reverse Voltage
SPD0802
SPD0902
SPD1002
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TL or TE = 55ºC)
IO
2
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
ºC)
IFSM
40
Amps
Operating and Storage Temperature Range
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Lead, L = .25" (Axial Lead)
Junction to End Tab (Surface Mount)
RƟJL
RƟJE
70
50
ºC/W
NOTES:
1/ For ordering information, price, and
availability- Contact factory.
2/ Screening based on MIL-PRF-19500.
Screening flows available on request.
Axial Lead
Surface Mount
Round Tab
Surface Mount
Square Tab


Similar Part No. - RS0006G_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0006G SSDI-RS0006G Datasheet
77Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0006G_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com