Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU1PG Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AU1PG
Description  Surface Mount Ultrafast Avalanche Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AU1PG Datasheet(HTML) 4 Page - Vishay Siliconix

  AU1PG Datasheet HTML 1Page - Vishay Siliconix AU1PG Datasheet HTML 2Page - Vishay Siliconix AU1PG Datasheet HTML 3Page - Vishay Siliconix AU1PG Datasheet HTML 4Page - Vishay Siliconix AU1PG Datasheet HTML 5Page - Vishay Siliconix AU1PG Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AU1PD, AU1PG, AU1PJ, AU1PK, AU1PM
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
4
Document Number: 89291
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Reverse Characteristics
Fig. 8 - Typical Junction Capacitance
Fig. 9 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
0.1
1
10
1000
10
30
50
70
90
0.01
AU1PK thru AU1PM
T
A = 125 °C
T
A = 25 °C
T
A = 75 °C
T
A = 175 °C
100
Reverse Voltage (V)
0.1
10
1
100
1
10
100
AU1PD thru AU1PJ
AU1PK thru AU1PM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
10
1
100
1
10
100
0.1
1000
t - Pulse Duration (s)
Junction to Ambient
DO-220AA (SMP)
Cathode Band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)


Similar Part No. - AU1PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AU1PG VISHAY-AU1PG Datasheet
95Kb / 5P
   Surface Mount Ultrafast Avalanche Rectifiers
Revision: 30-Sep-11
AU1PG VISHAY-AU1PG Datasheet
111Kb / 5P
   Surface Mount Ultrafast Avalanche Rectifiers
01-Jan-2022
More results

Similar Description - AU1PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AU2PK VISHAY-AU2PK Datasheet
92Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AU3PD VISHAY-AU3PD_12 Datasheet
94Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AU3PK VISHAY-AU3PK_V01 Datasheet
100Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
01-Jan-2022
AU2PK VISHAY-AU2PK_V01 Datasheet
101Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
01-Jan-2022
AU2PD VISHAY-AU2PD Datasheet
92Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AU2PD VISHAY-AU2PD_12 Datasheet
93Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AU2PD VISHAY-AU2PD_V01 Datasheet
100Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
01-Jan-2022
AU1PD VISHAY-AU1PD Datasheet
95Kb / 5P
   Surface Mount Ultrafast Avalanche Rectifiers
Revision: 30-Sep-11
AU3PD VISHAY-AU3PD Datasheet
92Kb / 5P
   Ultrafast Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AU1PM-M3-84A VISHAY-AU1PM-M3-84A Datasheet
98Kb / 5P
   Surface Mount Ultrafast Avalanche Rectifiers
Revision: 30-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com