Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1063MJ8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1063MJ8
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063MJ8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1063MJ8 Datasheet HTML 3Page - Linear Technology LTC1063MJ8 Datasheet HTML 4Page - Linear Technology LTC1063MJ8 Datasheet HTML 5Page - Linear Technology LTC1063MJ8 Datasheet HTML 6Page - Linear Technology LTC1063MJ8 Datasheet HTML 7Page - Linear Technology LTC1063MJ8 Datasheet HTML 8Page - Linear Technology LTC1063MJ8 Datasheet HTML 9Page - Linear Technology LTC1063MJ8 Datasheet HTML 10Page - Linear Technology LTC1063MJ8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1063
PI FU CTIO S
filter’s DC output offset (Figure 1). RIN should, however, be
limited to a maximum value (Table 1), otherwise the filter’s
passband flatness will be affected. Refer to the Applica-
tions Information section for more details.
Output Pin (Pin 7, N Package)
Pin 7 is the filter output. This pin can typically source over
20mA and sink 2mA. Pin 7 should not drive long coax
cables, otherwise the filter’s total harmonic distortion will
degrade.
Clock Input Pin (Pin 5, N Package)
An external clock when applied to pin 5 tunes the filter
cutoff frequency. The clock-to-cutoff frequency ratio is
100:1. The high (VHIGH) and low (VLOW) clock logic
threshold levels are illustrated in Table 2. Square wave
clocks with duty cycles between 30% and 50% are strongly
recommended. Sinewave clocks are not recommended.
Clock Output Pin (Pin 4, N Package)
Any external clock applied to the clock input pin appears
at the clock output pin. The duty cycle of the clock output
equals the duty cycle of the external clock applied to the
clock input pin. The clock output pin swings to the power
supply rails. When the LTC1063 is used in a self-clocking
mode, the clock of the internal oscillator appears at the
clock output pin with a 30% duty cycle. The clock output
pin can be used to drive other LTC1063s or other ICs. The
maximum capacitance, CL(MAX), the clock output pin can
drive is illustrated in Figure 3.
Table 1. RIN(MAX) vs Clock and Power Supply
RIN(MAX)
VS = ±7.5V
VS = ±5V
VS = ±2.5V
fCLK = 4MHz
2.2k
fCLK = 3MHz
3.4k
2.9k
fCLK = 2MHz
5.5k
5k
2.7k
fCLK = 1MHz
11k
11k
9.2k
fCLK = 500kHz
24k
23k
21k
fCLK = 100kHz
120k
120k
110k
Figure 1.
VIN
VOUT
1063 F01
V
V+
RIN 1
2
3
4
8
7
6
5
LTC1063
fCLK
Table 2. Clock Pin Threshold Levels
POWER SUPPLY
VHIGH
VLOW
VS = ±2.5V
1.5V
0.5V
VS = ±5V
3V
1V
VS = ±7.5V
4.5V
1.5V
VS = ±8V
4.8V
1.6V
VS = 5V, 0V
4V
3V
VS = 12, 0V
9.6V
7.2V
VS =15V, 0V
12V
9V
Figure 2. Test Circuit for THD
CLOCK FREQUENCY (MHz)
1
200
180
160
140
120
100
80
60
40
20
0
310
1063 F03
24
5
6 78 9
VS = ±2.5V
VS = ±5V
VS = ±7.5V
TA = 25°C
Figure 3. Maximum Load Capacitance at the Clock Output Pin
V
50k
V+
0.1
µF
VOUT
1063 TC01
0.1
µF
CLOCK IN
+
LT1022
20pF
VIN
50k
8
7
6
5
1
2
3
4
LTC1063
TEST CIRCUIT


Similar Part No. - LTC1063MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063MJ8 LINER-LTC1063MJ8 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results

Similar Description - LTC1063MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com