Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC10 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC10
Description  1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC10 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1.5SMC10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc (V)
of VBR(%/°C)
1.5SMC62
FLJ
55.8
68.2
1.0
50.2
1
17
89.0
0.104
1.5SMC62A
FMJ
58.9
65.1
1.0
53.0
1
18
85.0
0.104
1.5SMC68
FNJ
61.2
74.8
1.0
55.1
1
16
98.0
0.104
1.5SMC68A
FPJ
64.6
71.4
1.0
58.1
1
17
92.0
0.104
1.5SMC75
FQJ
67.5
82.5
1.0
60.7
1
14
108
0.105
1.5SMC75A
FRJ
71.3
78.8
1.0
64.1
1
15
103
0.105
1.5SMC82
FSJ
73.8
90.2
1.0
66.4
1
13
118
0.105
1.5SMC82A
FTJ
77.9
86.1
1.0
70.1
1
13.9
113
0.105
1.5SMC91
FUJ
81.9
100
1.0
73.7
1
12
131
0.106
1.5SMC91A
FVJ
86.5
95.5
1.0
77.8
1
12.6
125
0.106
1.5SMC100
FWJ
90
110
1.0
81.0
1
10.9
144
0.106
1.5SMC100A
FXJ
95
105
1.0
85.5
1
11.4
137
0.106
1.5SMC110
FYJ
99
121
1.0
89.2
1
9.9
158
0.107
1.5SMC110A
FZJ
105
116
1.0
94.0
1
10.3
152
0.107
1.5SMC120
GDJ
108
132
1.0
97.2
1
9.1
173
0.107
1.5SMC120A
GEJ
114
126
1.0
102.0
1
9.5
165
0.107
1.5SMC130
GFJ
117
143
1.0
105.0
1
8.4
187
0.107
1.5SMC130A
GGJ
124
137
1.0
111.0
1
8.7
179
0.107
1.5SMC150
GHJ
135
165
1.0
121.0
1
7.3
215
0.108
1.5SMC150A
GKJ
143
158
1.0
128.0
1
7.6
207
0.108
1.5SMC160
GLJ
144
176
1.0
130.0
1
6.8
230
0.108
1.5SMC160A
GMJ
152
168
1.0
136.0
1
7.1
219
0.108
1.5SMC170
GNJ
153
187
1.0
138.0
1
6.4
244
0.108
1.5SMC170A
GPJ
162
179
1.0
145.0
1
6.7
234
0.108
1.5SMC180
GQJ
162
198
1.0
146.0
1
6.1
258
0.108
1.5SMC180A
GRJ
171
189
1.0
154.0
1
6.4
246
0.108
1.5SMC200
GSJ
180
220
1.0
162.0
1
5.4
287
0.108
1.5SMC200A
GTJ
190
210
1.0
171.0
1
5.7
274
0.108
Notes:
1. VBR measure after IT applied for 300μs, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types 1.5SMC6.8 - 1.5SMC200A
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Document Number: DS_D1409027
Version: M15
GENERAL
PART
NUMBER
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)
1.5SMC SERIES
Taiwan Semiconductor


Similar Part No. - 1.5SMC10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC10 TSC-1.5SMC10 Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
1.5SMC10 ZSELEC-1.5SMC10 Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
1.5SMC10 ETC1-1.5SMC10 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
Nantong Hornby Electron...
1.5SMC10 HORNBY-1.5SMC10 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC10 TSC-1.5SMC10 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com