Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC13A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC13A
Description  1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC13A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC13A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1.5SMC13A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CREAT BY ART
PART NO.
Note 1: "xxxx" defines voltage from 6.8V (1.5SMC6.8) to 200V (1.5SMC200A)
PART NO.
Document Number: DS_D1409027
Version: M15
1.5SMC200AHR7G
1.5SMC200A
H
R7
G
AEC-Q101 qualified
Green compound
SMC
3,000 / 13" Plastic reel
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
1.5SMCxxxx
(Note 1)
H
R7
G
SMC
850 / 7" Plastic reel
R6
SMC
3,000 / 13" Paper reel
M6
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
1.5SMC SERIES
Taiwan Semiconductor


Similar Part No. - 1.5SMC13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC13A CENTRAL-1.5SMC13A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC13A BOURNS-1.5SMC13A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Vishay Siliconix
1.5SMC13A VISHAY-1.5SMC13A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Nantong Hornby Electron...
1.5SMC13A HORNBY-1.5SMC13A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Gaomi Xinghe Electronic...
1.5SMC13A GXELECTRONICS-1.5SMC13A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC13A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com