Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1068IN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1068IN
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068IN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1068IN Datasheet HTML 6Page - Linear Technology LTC1068IN Datasheet HTML 7Page - Linear Technology LTC1068IN Datasheet HTML 8Page - Linear Technology LTC1068IN Datasheet HTML 9Page - Linear Technology LTC1068IN Datasheet HTML 10Page - Linear Technology LTC1068IN Datasheet HTML 11Page - Linear Technology LTC1068IN Datasheet HTML 12Page - Linear Technology LTC1068IN Datasheet HTML 13Page - Linear Technology LTC1068IN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1068 Series
PIN FUNCTIONS
path. A 200
ΩresistorbetweenclocksourceandPin11will
slow down the rise and fall times of the clock to further
reduce charge coupling (Figures 1 and 2).
Output Pins
Each 2nd order section of an LTC1068 device has three
outputs that typically source 17mA and sink 6mA. Driving
coaxial cables or resistive loads less than 20k will degrade
the total harmonic distortion performance of any filter
design. When evaluating the distortion or noise perfor-
mance of a particular filter design implemented with a
LTC1068 device, the final output of the filter should be
buffered with a wideband, noninverting high slew rate
amplifier (Figure 3).
Inverting Input Pins
These pins are the inverting inputs of internal op amps and
are susceptible to stray capacitive coupling from low
impedance signal outputs and power supply lines.
+
LT
®1354
1k
1068 F03
RA*
RB*
V+ (8)
CLK (21)
V (23)
NC (6)
NC (9)
NC (20)
NC (22)
AGND (7)
1068 BD
+
+
+
+
+
+
+
HPC/NC
(27)
BPC
(26)
LPC
(25)
HPB/NB
(2)
BPB
(3)
LPB
(4)
*THE RATIO RA/RB VARIES ±2%
BPA
(12)
LPA
(11)
INV A
(14)
AGND
(7)
INV C
(28)
HPA/NA
(13)
+ Σ
SA
(10)
+
+
+
+
INV D
(15)
INV B
(1)
HPD/ND
(16)
Σ
SB
(5)
Σ
SC
(24)
Σ
SD
(19)
+
+
+
BPD
(17)
+
LPD
(18)
PIN 28-LEAD SSOP PACKAGE
DEVICE
LTC1068
LTC1068-200
LTC1068-25
LTC1068-50
RA
10k
11.3k
RB
10k
8.6k
BLOCK DIAGRAM
In a printed circuit layout any signal trace, clock source
trace or power supply trace should be at least 0.1 inches
away from any inverting input pins
Summing Input Pins
These are voltage input pins. If used, they should be driven
with a source impedance below 5k. When they are not
used, they should be tied to the analog ground pin.
The summing pin connections determine the circuit topol-
ogy (mode) of each 2nd order section. Please refer to
Modes of Operation.
Figure 3. Wideband Buffer


Similar Part No. - LTC1068IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068IN LINER-LTC1068IN Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068IN-PBF LINER-LTC1068IN-PBF Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com