Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1143 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1143
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1143 Datasheet HTML 4Page - Linear Technology LTC1143 Datasheet HTML 5Page - Linear Technology LTC1143 Datasheet HTML 6Page - Linear Technology LTC1143 Datasheet HTML 7Page - Linear Technology LTC1143 Datasheet HTML 8Page - Linear Technology LTC1143 Datasheet HTML 9Page - Linear Technology LTC1143 Datasheet HTML 10Page - Linear Technology LTC1143 Datasheet HTML 11Page - Linear Technology LTC1143 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1143/LTC1143L
LTC1143L-ADJ
OPERATION Refer to Functional Diagram and Figure 1
The circuit now enters sleep mode with the power MOSFET
turned off. In sleep mode a majority of the circuitry is
turned off, dropping the quiescent current from 1.6mA to
160
µA (for one regulator block). The load current is now
being supplied from the output capacitor. When the output
voltage has dropped by the amount of hysteresis in
comparator V, the P-channel MOSFET is again turned on
and the process repeats.
To avoid the operation of the current loop interfering with
Burst Mode operation, a built-in offset (VOS) is incorpo-
rated in the gain stage. This prevents the current compara-
tor threshold from increasing until the output voltage has
dropped below a minimum threshold.
Using constant off-time architecture the operating fre-
quency is a function of the input voltage. To minimize the
frequency variation as dropout is approached, the off-time
controller increases the CT discharge current as VIN drops
below VOUT + 1.5V. In dropout the P-channel MOSFET is
turned on continuously (100% duty cycle), providing
extremely low dropout operation.
For Figure 1 applications with VOUT below 2V, or when
RSENSE is moved to ground, the current sense comparator
inputs operate near ground. When the current comparator
is operated at less than 2V common mode, the off-time
increases approximately 40%, requiring the use of a
smaller timing capacitor CT.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
The LTC1143 series current comparators have a threshold
range that extends from a minimum of 25mV/RSENSE to a
maximum of 150mV/RSENSE. The current comparator
threshold sets the peak of the inductor ripple current,
yielding a maximum output current IMAX equal to the peak
value less half the peak-to-peak ripple current.
For proper
Burst Mode operation, IRIPPLE(P-P) must be less than or
equal to the minimum current comparator threshold.
Since efficiency generally increases with ripple current,
the maximum allowable ripple current is assumed, i.e.,
IRIPPLE(P-P) = 25mV/RSENSE. (See CT and L Selection for
Operating Frequency). Solving for RSENSE and allowing a
margin for variations in the LTC1143 series and external
component values yields:
RSENSE =
100mV
IMAX
A graph for selecting RSENSE versus maximum output
current is given in Figure 2.
The basic LTC1143L-ADJ application circuit is shown in
Figure 1. The LTC1143 and LTC1143L are similar but omit
the external resistive VOUT dividers (see Figures 10 and
13). External component selection is driven by the load
requirement and begins with VOUT and the selection of
RSENSE. Once RSENSE is known, CT and L can be chosen.
Next, the power MOSFET and D1 are selected. Finally, CIN
and COUT are selected and the loop is compensated. Since
the two regulator sections are identical, the process of
component selection is the same for both sections. The
circuit shown in Figure 1 can be configured for operation
up to an input voltage of 16V.
Output Voltage Selection
The LTC1143/LTC1143L output voltages are internally set
to 3.3V and 5V. The LTC1143L-ADJ requires an external
resistive divider from VOUT to VFB on each section as
shown in Figure 1. The regulated LTC1143L-ADJ output
voltages are given by:
V
R
R
V
R
R
OUT
OUT
1
2
125 1
2
1
125 1
4
3
=+


=+


.
.
To prevent stray pickup, a 100pF capacitor is suggested
across R1 and R3 located close to the LTC1143L-ADJ.
APPLICATIONS INFORMATION


Similar Part No. - LTC1143

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1143

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
BD9011EKN-E2 ROHM-BD9011EKN-E2 Datasheet
554Kb / 29P
   Dual-output, high voltage, high-efficiency step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com