Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1142HV Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1142HV
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1142HV Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1142HV Datasheet HTML 4Page - Linear Technology LTC1142HV Datasheet HTML 5Page - Linear Technology LTC1142HV Datasheet HTML 6Page - Linear Technology LTC1142HV Datasheet HTML 7Page - Linear Technology LTC1142HV Datasheet HTML 8Page - Linear Technology LTC1142HV Datasheet HTML 9Page - Linear Technology LTC1142HV Datasheet HTML 10Page - Linear Technology LTC1142HV Datasheet HTML 11Page - Linear Technology LTC1142HV Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1142/LTC1142L/LTC1142HV
FU CTIO AL DIAGRA
OPERATIO
The LTC1142 series consists of two individual regulator
blocks, each using current mode, constant off-time archi-
tectures to synchronously switch an external pair of
complementary power MOSFETs. The two regulators are
internally set to provide output voltages of 3.3V and 5V for
the LTC1142. The LTC1142HV-ADJ/LTC1142L-ADJ are
configured to provide two user selectable output voltages,
each set by external resistor dividers. Operating fre-
quency is individually set on each section by the external
capacitors at CT, Pins 11 and 25.
The output voltage is sensed by an internal voltage divider
connected to Sense , Pin 28 (14) (LTC1142) or external
divider returned to VFB, Pin 2 (16) (LTC1142-ADJ). A
voltage comparator V and a gain block G compare the
divided output voltage with a reference voltage of 1.25V.
To optimize efficiency, the LTC1142 series automatically
switches between two modes of operation, Burst Mode
and continuous mode. The voltage comparator is the
primary control element when the device is in Burst Mode
operation, while the gain block controls the output voltage
in continuous mode.
During the switch “ON” cycle in continuous mode, current
comparator C monitors the voltage between Pins 1 (15)
and 28 (14) connected across an external shunt in series
with the inductor. When the voltage across the shunt
reaches its threshold value, the PDrive output is switched
to VIN, turning off the P-channel MOSFET. The timing
capacitor connected to Pin 25 (11) is now allowed to
discharge at a rate determined by the off-time controller.
The discharge current is made proportional to the output
voltage [measured by Pin 28 (14)] to model the inductor
current, which decays at a rate that is also proportional to
the output voltage. While the timing capacitor is discharg-
ing, the NDrive output goes to VIN,turningontheN-channel
MOSFET.
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, setting the flip-flop. This
causes the NDrive output to go low (turning off the
N-channel MOSFET) and the PDrive output to also go low
(turning the P-channel MOSFET back on). The cycle then
repeats.
Refer to Functional Diagram
Only one regulator block shown. Pin numbers are for 3.3V (5V) sections for LTC1142/LTC1142HV,
and VOUT1 (VOUT2) for LTC1142L-ADJ/LTC1142HV-ADJ.
+
+
REFERENCE
24(10)
23(9)
6(20)
4(18)
2(16)
PGND
NDRIVE
PDRIVE
VIN
+
V
+
C
25mV TO 150mV
+
1(15)
VOS
26(12)
2(16)
SHUTDOWN
INT VCC
1.25V
5pF
G
27(13)
ITH
Q
R
S
VIN
SENSE
OFF-TIME
CONTROL
25(11)
13k
+
S
SLEEP
VTH1
CT
T
SENSE+
VTH2
PIN NUMBERS FOR
LTC1142, LTC1142HV
PIN NUMBERS
FOR LTC1142L-ADJ
LTC1142HV-ADJ
LTC1142-ADJ
3(17)
LTC1142L-ADJ
LTC1142HV-ADJ
4(18)
LTC1142L-ADJ
LTC1142HV-ADJ
2(16)
LTC1142L-ADJ, LTC1142HV-ADJ: 5(19)
LTC1142L-ADJ
LTC1142HV-ADJ
3(17)
3(17)
SGND
100k
28(14)
SENSE
1142 BD
NC/ADJ


Similar Part No. - LTC1142HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1142HVCG LINER-LTC1142HVCG Datasheet
249Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HVCG-ADJ LINER-LTC1142HVCG-ADJ Datasheet
249Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1142HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
341Kb / 16P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_00 Datasheet
249Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com