Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1573A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1573A
Description  SAW Filter 1589 MHz BW 31.47MHz SMD 1.1x0.9x0.5mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1573A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1573A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1573A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
S21 response: (span 100MHz)
S11 & S22 VSWR:


Similar Part No. - TA1573A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1573B TAI-SAW-TA1573B Datasheet
415Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.1X0.9mm
More results

Similar Description - TA1573A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2567A TAI-SAW-TA2567A Datasheet
530Kb / 8P
   SAW Filter 1590.155 MHz (BW 31.47MHz) SMD 1.1X0.9mm
TA2018C TAI-SAW-TA2018C Datasheet
756Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
TA2250A TAI-SAW-TA2250A Datasheet
855Kb / 7P
   SAW Filter 1585.655 MHz (BW 40.47Hz) SMD 1.1x0.9x0.5mm
TA2015A TAI-SAW-TA2015A Datasheet
698Kb / 7P
   SAW Filter 2350 MHz (BW 100Hz) SMD 1.1x0.9x0.5mm
TA2291A TAI-SAW-TA2291A Datasheet
672Kb / 7P
   SAW Filter 1585.655 MHz (BW 40.47Hz) SMD 1.1x0.9x0.5mm
TA2016A TAI-SAW-TA2016A Datasheet
422Kb / 7P
   SAW Filter 876.5 MHz (BW 35MHz) SMD 1.1x0.9x0.5mm
TA2054A TAI-SAW-TA2054A Datasheet
693Kb / 7P
   SAW Filter 1600.25 MHz BW 52.5MHz SMD 1.1x0.9x0.5mm
TA2385A TAI-SAW-TA2385A Datasheet
715Kb / 7P
   SAW Filter 1590.05 MHz (BW 31.7Hz) SMD 1.1x0.9x0.5mm
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
TA2018B TAI-SAW-TA2018B Datasheet
706Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com