Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1149 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology LTC1149 Datasheet HTML 10Page - Linear Technology LTC1149 Datasheet HTML 11Page - Linear Technology LTC1149 Datasheet HTML 12Page - Linear Technology LTC1149 Datasheet HTML 13Page - Linear Technology LTC1149 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1149
LTC1149-3.3/LTC1149-5
APPLICATIO S I FOR ATIO
the N-channel MOSFET operating in continuous mode are
given by:
N-Ch PD =
VIN – VOUT
VIN
(IMAX)
2(1 +
N)RDS(ON)
N-Ch Duty Cycle =
VIN – VOUT
VIN
where
∂ is the temperature dependency of RDS(ON). Note
that there is no transition loss term in the N-channel
dissipation equation because the drain-to-source voltage
is always low when the N-channel MOSFET is turning on
or off. The remaining I2R losses are the greatest at high
input voltage or during a short circuit, when the N-channel
duty cycle is nearly 100%. Fortunately, low RDS(ON)
N-channel MOSFETs are readily available which reduce
losses to the point that heat sinking is not required, even
during continuous short-circuit operation.
The Schottky diode D1 shown in Figure 1 only conducts
during the dead-time between the conduction of the two
power MOSFETs. D1’s sole purpose in life is to prevent the
body diode of the N-channel MOSFET from turning on and
storing charge during the dead-time, which could cost as
much as 1% in efficiency (although there are no other
harmful effects if D1 is omitted). Therefore, D1 should be
selected for a forward voltage of less than 0.7V when
conducting IMAX.
Finally, both MOSFETs and D1 must be selected for
breakdown voltages higher than the maximum VIN.
CIN and COUT Selection
In continuous mode, the source current of the P-channel
MOSFET is a square wave of duty cycle VOUT/VIN. To
prevent large voltage transients, a low ESR input capacitor
sized for the maximum RMS current must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS
IMAX [VOUT(VIN – VOUT)]
1/2
VIN
This formula has a maximum at VIN = 2VOUT, where
IRMS = IMAX/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the
capacitor, or to choose a capacitor rated at a higher
temperature than required. Several capacitors may be
paralleled to meet size or height requirements in the
design. An additional 0.1
µF ceramic capacitor may also be
required on VIN for high frequency decoupling.
The selection of COUT is driven by the required effective
series resistance (ESR). The ESR of COUT must be less
than twice the value of RSENSE for proper operation of the
LTC1149 series:
COUT Required ESR < 2RSENSE
Optimum efficiency is obtained by making the ESR equal
to RSENSE. As the ESR is increased up to 2RSENSE, the
efficiency degrades by less than 1%. If the ESR is greater
than 2RSENSE, the voltage ripple on the output capacitor
will prematurely trigger Burst Modeoperation, resulting in
disruption of continuous mode and an efficiency hit which
can be several percent.
Manufacturers such as Nichicon, Chemicon and Sprague
should be considered for high performance capacitors.
The OS-CON semiconductor dielectric capacitor available
from Sanyo has the lowest ESR for its size, at a somewhat
higher price. Once the ESR requirement for COUT has been
met, the RMS current rating generally far exceeds the
IRIPPLE(P-P) requirement.
In surface mount applications multiple capacitors may
have to be paralleled to meet the capacitance, ESR, or RMS
current handling requirements of the application. Alumi-
num electrolytic and dry tantalum capacitors are both
available in surface mount configurations. In the case of
tantalum, it is critical that the capacitors are surge tested
for use in switching power supplies. An excellent choice is
the AVX TPS series of surface mount tantalums, available
in case heights ranging from 2mm to 4mm. For example,
if 200
µF/10V is called for in an application requiring 3mm
height, two AVX 100
µF/10V(P/NTPSD107K010)couldbe
used. Consult the manufacturer for other specific recom-
mendations.
At low supply voltages, a minimum value of COUT is
suggested to prevent an abnormal low frequency operat-
ing mode (see Figure 4). When COUT is too small, the


Similar Part No. - LTC1149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com