Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1149 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1149 Datasheet HTML 3Page - Linear Technology LTC1149 Datasheet HTML 4Page - Linear Technology LTC1149 Datasheet HTML 5Page - Linear Technology LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology LTC1149 Datasheet HTML 10Page - Linear Technology LTC1149 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1149
LTC1149-3.3/LTC1149-5
TEST CIRCUIT
APPLICATIO S I FOR ATIO
Typical Application Circuit
The basic LTC1149 series application circuit is shown in
Figure 1. External component selection is driven by the
input voltage and output load requirement, and begins
with the selection of RSENSE. Once RSENSE is known, CT
and L can be chosen. Next, the power MOSFETs and D1
are selected. Finally, CIN and COUT are selected and the
loop is compensated. The circuit shown in Figure 1 can be
configured for operation up to an input voltage of 48V. If
the application does not require greater than 15V opera-
tion, then the LTC1148 should be used.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
The LTC1149 series current comparator has a threshold
range which extends from a minimum of 25mV/RSENSE to
a maximum of 150mV/RSENSE. The current comparator
threshold sets the peak of the inductor ripple current,
yielding a maximum output current IMAX equal to the peak
value less half the peak-to-peak ripple current.
For proper
Burst Mode operation, IRIPPLE(P-P) must be less than or
equal to the minimum current comparator threshold.
Since efficiency generally increases with ripple current,
the maximum allowable ripple current is assumed, i.e.,
IRIPPLE(P-P) = 25mV/RSENSE (see CT and L Selection for
Operating Frequency). Solving for RSENSE and allowing a
margin for variations in the LTC1149 series and external
component values yields:
RSENSE =
100mV
IMAX
A graph for selecting RSENSE versus maximum output
current is given in Figure 2. The LTC1149 series works well
with values of RSENSE from 0.02Ω to 0.2Ω.
The load current below which Burst Mode operation
commences, IBURST, and the peak short-circuit current,
ISC(PK), both track IMAX. Once RSENSE has been chosen,
IBURST and ISC(PK) can be predicted from the following
equations:
IBURST
15mV
RSENSE
ISC(PK) =
150mV
RSENSE
+
PGATE
VIN
VCC
PDRIVE
VCC
CT
ITH
SENSE
CAP
SHDN2
RGND
NGATE
PGND
SGND
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1149
0.047
µF
1
µF
0.068
µF
VIN
0.1
µF
+
V8
3300pF
390pF
1000pF
+
V9 – V8
25k
75k
220
µF
0.05
+
V10
VOUT
+
V15
50
µH
IRF9Z34
220
µF
100V
IRFZ34
MBR380
1149 TC
VFB/
SHDN1
1k
+
+


Similar Part No. - LTC1149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com