Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0051 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0051
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0051 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0051_15 Datasheet HTML 1Page - Solid States Devices, Inc RS0051_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RS0051B
DATA SHEET #:
80AMPS
45 VOLTS
SCHOTTKY
RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
DC Blocking Voltage
80
Amps
Io
VRRM
VRWM
VR
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA =25
oC)
600
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
45
Maximum Thermal Resistance
Junction to Case
0.7
oC/W
RθθθθθJC
oC
-65 TO +175
TOP & Tstg
Operating and Storage Temperature
Volts
SSR8045/3
• Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Power Package
• Guard Ring for Overvoltage Protection
• Available in Isolated and non-Isolated Versions
• Eutectic Die Attach
• 175oC Operating Junction Temperature
• TX, TXV and Space Level Screening Available
TO-3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Available in Following Configurations:
SSR8045/3
- Rectifier
SSR8045CT/3 - Common Cathode (See Data Sheet RS0057)
SSR8045CA/3 - Common Anode
(See Data Sheet RS0057)
SSR8045CA/3 - Doubler
(See Data Sheet RS0057)


Similar Part No. - RS0051_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0051 SSDI-RS0051 Datasheet
37Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0051_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com