Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1091ACN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1091ACN8
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091ACN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1091ACN8 Datasheet HTML 7Page - Linear Technology LTC1091ACN8 Datasheet HTML 8Page - Linear Technology LTC1091ACN8 Datasheet HTML 9Page - Linear Technology LTC1091ACN8 Datasheet HTML 10Page - Linear Technology LTC1091ACN8 Datasheet HTML 11Page - Linear Technology LTC1091ACN8 Datasheet HTML 12Page - Linear Technology LTC1091ACN8 Datasheet HTML 13Page - Linear Technology LTC1091ACN8 Datasheet HTML 14Page - Linear Technology LTC1091ACN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC1091/LTC1092
LTC1093/LTC1094
TEST CIRCUITS
Voltage Waveforms for ten
1
LTC1092
CLK
DOUT
ten
B9
0.4V
1091/2/3/4 TC08
CS
CS
B9
DOUT
ten
0.4V
CLK
LTC1093/LTC1094
1091/2/3/4 TC09
START
7
4
56
3
2
1
DIN
S
APPLICATI
I FOR ATIO
The LTC1091/LTC1092/LTC1093/LTC1094 are data
acquisiton components that contain the following func-
tional blocks:
1. 10-Bit Successive Approximation A/D Converter
2. Analog Multiplexer (MUX)
3. Sample-and-Hold (S/H)
4. Synchronous, Half-Duplex Serial Interface
5. Control and Timing Logic
DIGITAL CONSIDERATIONS
1. Serial Interface
The LTC1091/LTC1093/LTC1094 communicate with
microprocessors and other external circuitry via a syn-
chronous, half-duplex, 4-wire serial interface while the
LTC1092 uses a 3-wire interface (see Operating Sequence).
The clock (CLK) synchronizes the data transfer with each
bit being transmitted on the falling CLK edge and captured
on the rising CLK edge in both transmitting and receiving
systems. The LTC1091/LTC1093/LTC1094 first receive
input data and then transmit back the A/D conversion
result (half-duplex). Because of the half-duplex operation,
DIN and DOUT may be tied together allowing transmission
over just three wires: CS, CLK and DATA (DIN/DOUT).
Data transfer is initiated by a falling chip select (CS) signal.
After CS falls, the LTC1091/LTC1093/LTC1094 looks for a
start bit. After the start bit is received, a 3-bit input word
(6 bits for the LTC1093/LTC1094) is shifted into the DIN
input which configures the LTC1091/LTC1093/LTC1094
and starts the conversion. After one null bit, the result of
the conversion is output on the DOUT line. At the end of the
data exchange, CS should be brought high. This resets the
LTC1091/LTC1093/LTC1094 in preparation for the next
data exchange.
The LTC1092 does not require a configuration input word
and has no DIN pin. A falling CS initiates data transfer as
shown in the LTC1092 Operating Sequence. After CS falls,


Similar Part No. - LTC1091ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1091 LINER-LTC1091_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
More results

Similar Description - LTC1091ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092 LINER-LTC1092_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1091 LINER-LTC1091_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1093 LINER-LTC1093_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1094 LINER-LTC1094_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
logo
National Semiconductor ...
ADC0851 NSC-ADC0851 Datasheet
581Kb / 36P
   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Texas Instruments
ADC0851 TI1-ADC0851 Datasheet
798Kb / 38P
[Old version datasheet]   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com