Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5223B Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5223B
Description  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5223B Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  1N5223B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5223B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vz @ Izt
Current
ZZT @ IZT
IR @ VR
Voltage
IZT
ΩΩ
μA
Nominal
(mA)
Max.
Max.
Max.
(Volts)
1N5257B
33
3.8
58
700
0.1
25
1N5258B
36
3.4
70
700
0.1
27
1N5259B
39
3.2
80
800
0.1
30
1N5260B
43
3.0
93
900
0.1
33
1N5261B
47
2.7
105
1000
0.1
36
1N5262B
51
2.5
125
1100
0.1
39
1N5263B
56
2.2
150
1300
0.1
43
Notes: 1. Nominal zener voltages between the voltages shown and tighter voltage, for detalied information on
price, availability and delivery.
2. The zener voltage(VZ) is tested under pulse condition. The measured VZ is guaranteed to be within
specification with device junction in thermal equilibrium.
3. Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current (IZT) is superimposed to IZT.
Document Number: DS_S1410003
Version: E14
ZZK
@IZK=0.25mA
1N5221B - 1N5263B
Taiwan Semiconductor
Small Signal Product
Device
VR


Similar Part No. - 1N5223B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5223B VISHAY-1N5223B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5223B VISHAY-1N5223B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5223B MCC-1N5223B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yea Shin Technology Co....
1N5223B YEASHIN-1N5223B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5223B FAIRCHILD-1N5223B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5223B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com