Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5231B Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5231B
Description  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5231B Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1N5231B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5231B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Small Signal Product
Electrical Characteristics (Ratings at TA=25
oC ambient temperature unless otherwise specified)
Vz @ Izt
Current
ZZT @ IZT
IR @ VR
Voltage
IZT
ΩΩ
μA
Nominal
(mA)
Max.
Max.
Max.
(Volts)
1N5221B
2.4
20
30
1200
100
1.0
1N5222B
2.5
20
30
1250
100
1.0
1N5223B
2.7
20
30
1300
75
1.0
1N5224B
2.8
20
30
1400
75
1.0
1N5225B
3.0
20
29
1600
50.0
1.0
1N5226B
3.3
20
28
1600
25.0
1.0
1N5227B
3.6
20
24
1700
15.0
1.0
1N5228B
3.9
20
23
1900
10.0
1.0
1N5229B
4.3
20
22
2000
5.0
1.0
1N5230B
4.7
20
19
1900
5.0
2.0
1N5231B
5.1
20
17
1600
5.0
2.0
1N5232B
5.6
20
11
1600
5.0
3.0
1N5233B
6.0
20
7
1600
5.0
3.5
1N5234B
6.2
20
7
1000
5.0
4.0
1N5235B
6.8
20
5
750
3.0
5.0
1N5236B
7.5
20
6
500
3.0
6.0
1N5237B
8.2
20
8
500
3.0
6.5
1N5238B
8.7
20
8
600
3.0
6.5
1N5239B
9.1
20
10
600
3.0
7.0
1N5240B
10
20
17
600
2.0
8
1N5241B
11
20
22
600
1.0
8.4
1N5242B
12
20
30
600
0.5
9
1N5243B
13
9.5
13
600
0.1
10
1N5244B
14
9.0
15
600
0.1
10
1N5245B
15
8.5
16
600
0.1
11
1N5246B
16
7.8
17
600
0.1
12
1N5247B
17
7.4
19
600
0.1
13
1N5248B
18
7.0
21
600
0.1
14
1N5249B
19
6.6
23
600
0.1
14
1N5250B
20
6.2
25
600
0.1
15
1N5251B
22
5.6
29
600
0.1
17
1N5252B
24
5.2
33
600
0.1
18
1N5253B
25
5.0
35
600
0.1
18
1N5254B
27
4.6
41
600
0.1
21
1N5255B
28
4.5
44
600
0.1
21
1N5256B
30
4.2
49
600
0.1
23
Document Number: DS_S1410003
Version: E14
1N5221B - 1N5263B
Taiwan Semiconductor
Device
VR
ZZK
@IZK=0.25mA


Similar Part No. - 1N5231B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
1N5231B PFS-1N5231B Datasheet
157Kb / 2P
   Zener diode
logo
Vishay Siliconix
1N5231B VISHAY-1N5231B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5231B SECOS-1N5231B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Weitron Technology
1N5231B WEITRON-1N5231B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Gaomi Xinghe Electronic...
1N5231B GXELECTRONICS-1N5231B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
More results

Similar Description - 1N5231B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com