Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5233B Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5233B
Description  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5233B Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  1N5233B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1410003
Version: E14
1N5221B - 1N5263B
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
Small Signal Product


Similar Part No. - 1N5233B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5233B VISHAY-1N5233B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5233B SECOS-1N5233B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Shenzhen Ping Sheng Ele...
1N5233B PFS-1N5233B Datasheet
157Kb / 2P
   Zener diode
logo
Gaomi Xinghe Electronic...
1N5233B GXELECTRONICS-1N5233B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Weitron Technology
1N5233B WEITRON-1N5233B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - 1N5233B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com