Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728G-L0R0G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4728G-L0R0G
Description  1W DO-41 Zener Volatge Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4728G-L0R0G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N4728G-L0R0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4728G-L0R0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4728G-L0R0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4728G-L0R0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4728G-L0R0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE OUTLINE DIMENSIONS
DO-41
Min
Max
Min
Max
A
0.68
0.90
0.027
0.035
B
3.70
5.20
0.146
0.205
C
22.00
-
0.866
-
D
2.00
2.80
0.079
0.110
Document Number: DS_S1406003
1N4728G ~ 1N4758G
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
Small Signal Product
Version: E14


Similar Part No. - 1N4728G-L0R0G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N4728G EIC-1N4728G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
More results

Similar Description - 1N4728G-L0R0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com