Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1149CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1149CS Datasheet HTML 4Page - Linear Technology LTC1149CS Datasheet HTML 5Page - Linear Technology LTC1149CS Datasheet HTML 6Page - Linear Technology LTC1149CS Datasheet HTML 7Page - Linear Technology LTC1149CS Datasheet HTML 8Page - Linear Technology LTC1149CS Datasheet HTML 9Page - Linear Technology LTC1149CS Datasheet HTML 10Page - Linear Technology LTC1149CS Datasheet HTML 11Page - Linear Technology LTC1149CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1149
LTC1149-3.3/LTC1149-5
APPLICATIO S I FOR ATIO
Figure 3. Timing Capacitor Selection
L and CT Selection for Operating Frequency
The LTC1149 series uses a constant off-time architecture
with tOFF determined by an external timing capacitor CT.
Each time the P-channel MOSFET switch turns on, the
voltage on CT is reset to approximately 3.3V. During the
off-time, CT is discharged by a current which is propor-
tional to VOUT. The voltage on CT is analogous to the
current in inductor L, which likewise decays at a rate
proportional to VOUT. Thus the inductor value must track
the timing capacitor value.
The value of CT is calculated from the desired continuous
mode operating frequency, f:
CT =
(7.8)(10–5)
f
)
)1– VOUT
VIN
A graph for selecting CT versus frequency including the
effects of input voltage is given in Figure 3.
As the operating frequency is increased the gate charge
losses will be higher, reducing efficiency (see Efficiency
Considerations). The complete expression for operating
frequency is given by:
f =
1
tOFF
)
)1– VOUT
VIN
where:
tOFF = (1.3)(104)(CT)
)
)VREG
VOUT
VREG is the desired output voltage (i.e., 5V, 3.3V), while
VOUT is the actual output voltage. Thus VREG/VOUT = 1
when in regulation.
Note that as VIN decreases, the frequency decreases.
When the input to output voltage differential drops below
1.5V, the LTC1149 series reduces tOFF by increasing the
discharge current in CT. This prevents audible operation
prior to dropout.
Once the frequency has been set by CT, the inductor L must
be chosen to provide no more than 25mV/RSENSE of peak-
to-peak inductor ripple current. This results in a minimum
required inductor value of:
LMIN =( 5.1)(105)(RSENSE)(CT)(VREG)
As the inductor value is increased from the minimum
value, the ESR requirements for the output capacitor are
eased at the expense of efficiency. If too small an inductor
is used, the inductor current will decrease past zero and
change polarity. A consequence of this is that the LTC1149
series may not enter Burst Mode operation and efficiency
will be severely degraded at low currents.
FREQUENCY (kHz)
0
0
200
400
600
1400
1000
50
100
1200
800
150
200
250
VOUT = 5V
VIN = 48V
VIN=12V
VIN = 24V
1149 F03
The LTC1149 series automatically extends tOFF during a
short circuit to allow sufficient time for the inductor
current to decay between switch cycles. The resulting
ripple current causes the average short-circuit current
ISC(AVG) to be reduced to approximately IMAX.
Figure 2. RSENSE vs Maximum Output Current
MAXIMUM OUTPUT CURRENT (A)
0
0.12
0.16
0.20
4
1149 F02
0.08
0.04
0
1
2
3
5
0.10
0.14
0.18
0.06
0.02


Similar Part No. - LTC1149CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1149CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com