Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75516GF-144 Datasheet(PDF) 1 Page - NEC

Part # UPD75516GF-144
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75516GF-144 Datasheet(HTML) 1 Page - NEC

  UPD75516GF-144 Datasheet HTML 1Page - NEC UPD75516GF-144 Datasheet HTML 2Page - NEC UPD75516GF-144 Datasheet HTML 3Page - NEC UPD75516GF-144 Datasheet HTML 4Page - NEC UPD75516GF-144 Datasheet HTML 5Page - NEC UPD75516GF-144 Datasheet HTML 6Page - NEC UPD75516GF-144 Datasheet HTML 7Page - NEC UPD75516GF-144 Datasheet HTML 8Page - NEC UPD75516GF-144 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
4-BIT SINGLE-CHIP MICROCOMPUTER
µPD75516
MOS INTEGRATED CIRCUIT
DATA SHEET
© NEC Corporation 1989
Document No.
IC-2471D
(O. D. No.
IC-7580D)
Date Published November 1993 P
Printed in Japan
The mark 5 shows major revised points.
The information in this document is subject to change without notice.
DESCRIPTION
The
µPD75516 is a product in the 75X series(of 4-bit single-chip microcomputers). The 75X series has an
architecture which is comparable to that of 8-bit microcomputers.
The
µPD75516 possesses high class processing capacities as a 4-bit single-chip microcomputer with built-in
A/D converter and serial interface, including the capability to process data in lengths of 1, 4 and 8 bits in addition
to its high speed operation.
Details of functions are described in the User's Manual shown below. Be sure to read in design.
µPD75516 User's Manual: IEM–5049
FEATURES
q
A large number of I/O Lines: 64 lines (Internal pull-up/pull- down resistor specifiable: 47)
q
Built-in 8-bit serial interface: 2 channels
Built-in NEC standard serial bus interface (SBI)
q
Built-in 8-bit AD converter: 8 channels
q
High speed operation and a instruction execution time variation function which is effective for saving power.
• 0.95
µs/1.91 µs/15.3 µs (at 4.19 MHz operation), 122 µs (at 32.768 kHz operation)
q
Program memory (ROM) capacity: 16256
× 8 bits
q
Data memory (RAM) capacity: 512
× 4 bits
q
Powerful timer function: 4 channels
• 8-bit timer/event counter
• Watch timer
• 8-bit basic interval timer
• Timer/pulse generator: 14-bit PWM with variable output
q
Ultra low power consumption clock operation is possible (5
µA TYP.: During operation at 3 V)
q
Devices with built-in PROM are available (
µPD75P516)
USES
VCRs and CD players, telephones, cameras, etc.


Similar Part No. - UPD75516GF-144

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75516GF-XXX-3B9 NEC-UPD75516GF-XXX-3B9 Datasheet
239Kb / 2P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTER WITH EXTENSIVE I/O AND A/D CONVERTER
logo
Renesas Technology Corp
UPD75516GF-XXX-3B9 RENESAS-UPD75516GF-XXX-3B9 Datasheet
599Kb / 72P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75516GF-144

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com