Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1092CN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1092CN8
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1092CN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1092CN8 Datasheet HTML 6Page - Linear Technology LTC1092CN8 Datasheet HTML 7Page - Linear Technology LTC1092CN8 Datasheet HTML 8Page - Linear Technology LTC1092CN8 Datasheet HTML 9Page - Linear Technology LTC1092CN8 Datasheet HTML 10Page - Linear Technology LTC1092CN8 Datasheet HTML 11Page - Linear Technology LTC1092CN8 Datasheet HTML 12Page - Linear Technology LTC1092CN8 Datasheet HTML 13Page - Linear Technology LTC1092CN8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC1091/LTC1092
LTC1093/LTC1094
On- and Off-Channel Leakage Current
Load Circuit for tdDO, tr, tf
5V
IOFF
ION
POLARITY
OFF-
CHANNELS
ON-CHANNEL
1091/2/3/4 TC01
A
A
DOUT
1.4V
3k
100pF
TEST POINT
1091/2/3/4 TC02
CLK
DOUT
0.8V
tdDO
0.4V
2.4V
1091/2/3/4 TC03
Voltage Waveforms for DOUT Delay Time, tdDO
DOUT
0.4V
2.4V
tr
tf
1091/2/3/4 TC04
Voltage Waveforms for tdis
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT
THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT
THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1091/2/3/4 TC06
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
Voltage Waveforms for ten
1
2
34
LTC1091
DIN
CLK
DOUT
START
ten
B9
0.4V
1091/2/3/4 TC07
CS
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1091/2/3/4 TC05
Load Circuit for tdis, ten
TEST CIRCUITS


Similar Part No. - LTC1092CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092 LINER-LTC1092_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
More results

Similar Description - LTC1092CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092 LINER-LTC1092_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1091 LINER-LTC1091_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1093 LINER-LTC1093_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1094 LINER-LTC1094_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
logo
National Semiconductor ...
ADC0851 NSC-ADC0851 Datasheet
581Kb / 36P
   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Texas Instruments
ADC0851 TI1-ADC0851 Datasheet
798Kb / 38P
[Old version datasheet]   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com