Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1777 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1777
Description  Low Noise Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1777_15 Datasheet HTML 2Page - Linear Technology LT1777_15 Datasheet HTML 3Page - Linear Technology LT1777_15 Datasheet HTML 4Page - Linear Technology LT1777_15 Datasheet HTML 5Page - Linear Technology LT1777_15 Datasheet HTML 6Page - Linear Technology LT1777_15 Datasheet HTML 7Page - Linear Technology LT1777_15 Datasheet HTML 8Page - Linear Technology LT1777_15 Datasheet HTML 9Page - Linear Technology LT1777_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1777
PIN FUNCTIONS
removed or supplied accordingly to limit dI/dt (see Appli-
cations Information).
VSW (Pin 6): This is the emitter node of the output switch
and has large currents flowing through it. Keep the traces
to the switching components as short as possible to
minimize electromagnetic radiation and voltage spikes.
SGND (Pin 7): This is the device signal ground pin. The
internal reference and feedback amplifier are referred to it.
Keep the ground path connection to the FB divider and the
VC compensation capacitor free of large ground currents.
VIN (Pin 10): This is the high voltage supply pin for the
output switch. It also supplies power to the internal control
circuitry during start-up conditions or if the VCC pin is left
open. A high quality bypass capacitor which meets the
input ripple current requirements is needed here (see
Applications Information).
SYNC (Pin 12): Pin to synchronize internal oscillator to
external frequency reference. It is directly logic compat-
ible and can be driven with any signal between 10% and
90% duty cycle. The sync function is internally disabled if
the FB pin voltage is low enough to cause oscillator
slowdown. If unused, this pin should be grounded.
FB (Pin 13): This is the inverting input to the feedback
amplifier. The noninverting input of this amplifier is inter-
nally tied to the 1.24V reference. This pin also slows down
the frequency of the internal oscillator when its voltage is
abnormally low, e.g. 2/3 of normal or less. This feature
helps maintain proper short-circuit protection. Coupling
from high speed noise to this pin can cause irregular
operation. (See Switch Node Considerations section.)
VC (Pin 14): This is the control voltage pin which is the
output of the feedback amplifier and the input of the
current comparator. Frequency compensation of the over-
all loop is effected by placing a capacitor (or in most cases
a series R/C combination) between this node and ground.
Coupling from high speed noise to this pin can cause
irregular operation. (See Switch Node Considerations
section.)
GND (Pins 1, 8, 9, 16): These corner package pins are
mechanically connected to the die paddle and thus aid in
conducting away internally generated heat. As these are
electrically connected to the die substrate, they must be
held at ground potential. A direct connection to the local
ground plane is recommended.
NC (Pins 2, 11, 15): Package Pins 2, 11 and 15 are
unconnected.
SHDN (Pin 3): When pulled below the shutdown mode
threshold, nominally 0.5V, this pin turns off the regulator
and reduces VIN input current to a few tens of microam-
peres (shutdown mode).
When this pin is held above the shutdown mode threshold,
but below the lockout threshold, the part will be opera-
tional with the exception that output switching action will
be inhibited (lockout mode). A user-adjustable undervolt-
age lockout can be implemented by driving this pin from
an external resistor divider to VIN. This action is logically
“ANDed” with the internal UVLO, nominally set at 6.7V,
such that minimum VIN can be increased above 6.7V, but
not decreased (see Applications Information).
If unused, this pin should be left open. However, the high
impedance nature of this pin renders it susceptible to
coupling from the VSW node, so a small capacitor to
ground, typically 100pF or so is recommended when the
pin is left open.
VCC: (Pin 4): Pin to power the internal control circuitry
from the switching supply output. Proper use of this pin
enhances overall power supply efficiency. During start-up
conditions, internal control circuitry is powered directly
from VIN. If the output capacitor is located more than an
inch from the VCC pin, a separate 0.1µF bypass capacitor
to ground may be required right at the pin.
VD (Pin 5): This pin is used in conjunction with a small
external sense inductor to limit power path dI/dt. The
sense inductor is placed between the VSW output node and
the cathode of the freewheeling (power) diode, and the VD
pin is connected to the diode. As the voltage across the
inductor reaches
±2VBE, drive to the output transistor is


Similar Part No. - LT1777_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777C LINER-LT1777C Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
LT1777CS LINER-LT1777CS Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
LT1777I LINER-LT1777I Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
LT1777IS LINER-LT1777IS Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
More results

Similar Description - LT1777_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777 Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com