Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-5C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1164-5C
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1164-5C Datasheet HTML 3Page - Linear Technology LTC1164-5C Datasheet HTML 4Page - Linear Technology LTC1164-5C Datasheet HTML 5Page - Linear Technology LTC1164-5C Datasheet HTML 6Page - Linear Technology LTC1164-5C Datasheet HTML 7Page - Linear Technology LTC1164-5C Datasheet HTML 8Page - Linear Technology LTC1164-5C Datasheet HTML 9Page - Linear Technology LTC1164-5C Datasheet HTML 10Page - Linear Technology LTC1164-5C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1164-5
7
11645fc
POWER SUPPLY (V+ OR V)
0
12
11
10
9
8
7
6
5
4
3
2
1
0
13
6
8
1164-5 G29
10
24
5
7
9
–55
°C
25
°C
125
°C
FREQUENCY (Hz)
20
–90
–70
–50
–30
–10
100
1164-5 G28
–80
–60
–40
–20
0
10
1k
10k
50k
fCUTOFF = 1kHz
V
V+
FREQUENCY (FREQUENCY/fCUTOFF)
0
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1164-5 G27
1.0
1.2
MAXIMUM PHASE DIFFERENCE
BETWEEN ANY TWO UNITS
(SAMPLE OF 50 UNITS)
VS ≥ ±5V
TA ≤ 70°C
fCLK ≤ 500KHz
A
B
A. BUTTERWORTH
(fCLK /fCUTOFF = 100:1 OR 50:1)
B. BESSEL (fCLK /fCUTOFF = 140:1)
INPUT (VRMS)
0.50
–60
–50
–45
1.25
1164-5 G26
–70
–80
–90
0.75
1.00
1.50
–55
–40
–65
–75
–85
fCLK = 1MHz
TA =25°C
GND = 2V
GND = 2.5V
FREQUENCY (kHz)
2
0
1.0
2.0
18
1164-5 G25
–1.0
–2.0
–3.0
6
10
16
22
20
14
12
8
4
–2.5
–1.5
–0.5
0.5
1.5
TA = 70°C
fCLK = 1MHz
GND = 2.5V
GND = 2V
INPUT VOLTAGE (VRMS)
0.1
1164-5 G24
1
5
–50
–54
–58
–62
–66
–70
–74
–78
–82
–86
–90
fIN = 1kHz, 140:1
fCLK = 750kHz
VS = ±2.5V
VS = ±7.5V
VS = ±5V
THD + Noise vs Input Voltage
THD + Noise vs RMS Input for
Single 5V, 50:1
Maximum Passband for Single 5V,
50:1, for Two Ground Bias Levels
Power Supply Rejection Ratio
vs Frequency
Phase Matching vs Frequency
Power Supply Current vs Power
Supply Voltage
Transient Response
VIN = ±3V, 500Hz Square Wave
Transient Response
VIN = ±3V, 500Hz Square Wave
BUTTERWORTH RATIO = 100:1
fCLK = 500kHz
fC = 5kHz
VS = ±7.5V
BESSEL RATIO = 140:1
fCLK = 700kHz
fC = 5kHz
VS = ±7.5V
1164-5 G30
1164-5 G31
500
µs/DIV
500
µs/DIV
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1164-5C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CN LINER-LTC1164-5CN Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CSW LINER-LTC1164-5CSW Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164-5C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com