Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-6 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1164-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1164-6 Datasheet HTML 4Page - Linear Technology LTC1164-6 Datasheet HTML 5Page - Linear Technology LTC1164-6 Datasheet HTML 6Page - Linear Technology LTC1164-6 Datasheet HTML 7Page - Linear Technology LTC1164-6 Datasheet HTML 8Page - Linear Technology LTC1164-6 Datasheet HTML 9Page - Linear Technology LTC1164-6 Datasheet HTML 10Page - Linear Technology LTC1164-6 Datasheet HTML 11Page - Linear Technology LTC1164-6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1164-6
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S
APPLICATI
TYPICAL
8th Order Low Power, Clock-Tunable Elliptic Filter with
Active RC Input Anti-Aliasing Filter and Output Smoothing Filter
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
5V
fCLK
1164-6 TA03
LTC1164-6
1
µF
15k
10k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IC1
C1
0.01
µF
R1
789
5V
0.1
µF
1k
5V
0.1
µF
5V
IC2
LTC1164-6
R2
7.89k
C2
0.001
µF
VOUT
+
VS = SINGLE 5V, IS = 5mA TYP
16TH ORDER LOWPASS FILTER
FIXED fCUTOFF, fCLK = 540kHz
fCUTOFF = 10kHz
(fCLK/fC) = 54:1
1/2
πR1C1 = 1/2πR2C2 = 2fCUTOFF
Gain vs Frequency
FREQUENCY (kHz)
1
10
1164-6 TA04
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
30
VS = SINGLE 5V
IS = 5mA, 16TH ORDER
ELLIPTIC LOWPASS
fCLK = 540kHz
fCUTOFF = 10kHz
FREQUENCY (kHz)
1
5
1164-6 TA05
– 40
–45
– 50
–55
–60
–65
–70
–75
–80
–85
–90
10
VS = SINGLE 5V
IS = 5mA, 16TH ORDER
ELLIPTIC LOWPASS
VIN = 0.5VRMS
fCLK = 540kHz
fC = 10kHz
THD + Noise vs Frequency
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
VOUT
fCLK
V
fC = 1kHz
ATTENUATION AT 10kHz = –48dB
1164-6 TA10
0.1
µF
V+
0.1
µF
V
+
1/2
LT1013
R3
5.62k
R2
76.8k
R1
1.15k
C3
0.001
µF
C2
0.022
µF
C1
0.1
µF
R2
97.6k
R1
16.9k
C2
0.001
µF
C1
0.0047
µF
fC = 1kHz
ATTENUATION AT 10kHz = – 30dB
100Hz
≤ fC ≤ 1kHz
10kHz
≤ fCLK ≤ 100kHz
NOTES:
1. CLOCK-TUNABLE OVER ONE DECADE
OF CUTOFF FREQUENCY.
2. BOTH INPUT AND OUTPUT RC ACTIVE
FILTERS ARE 0.1dB CHEBYSHEV FILTERS
WITH 1kHz RIPPLE BANDWIDTH.
+
1/2
LT1013
Single 5V, 16th Order Lowpass Filter
fCUTOFF = 10kHz


Similar Part No. - LTC1164-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CJ LINER-LTC1164-6CJ Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CN LINER-LTC1164-6CN Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CSW LINER-LTC1164-6CSW Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com