Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1159CG-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1159CG-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CG-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1159CG-3.3 Datasheet HTML 1Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 2Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 3Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 4Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 5Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 6Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CG-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1159/LTC1159-3.3/LTC1159-5
S
FEATURE
DESCRIPTIO
s
Operation from 4V to 40V Input Voltage
s
Ultra-High Efficiency: Up to 95%
s
20
µA Supply Current in Shutdown
s
High Efficiency Maintained Over Wide Current Range
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Very Low Dropout Operation: 100% Duty Cycle
s
Short-Circuit Protection
s
Synchronous FET Switching for High Efficiency
s
Adaptive Non-Overlap Gate Drives
s
Available in SSOP and SO Packages
The LTC
®1159 series is a family of synchronous step-down
switching regulator controllers featuring automatic Burst
Mode
TM operation to maintain high efficiencies at low
output currents. These devices drive external complemen-
tary power MOSFETs at switching frequencies up to 250kHz
using a constant off-time current-mode architecture.
A separate pin and on-board switch allow the MOSFET
driver power to be derived from the regulated output
voltage providing significant efficiency improvement when
operating at high input voltages. The constant off-time
current-mode architecture maintains constant ripple cur-
rent in the inductor and provides excellent line and load
transient response. The output current level is user pro-
grammable via an external current sense resistor.
The LTC1159 automatically switches to power saving
Burst Mode operation when load current drops below
approximately 15% of maximum current. Standby current
is only 300
µA while still regulating the output and shut-
down current is a low 20
µA.
High Efficiency Synchronous
Step-Down Switching Regulators
s
Step-Down and Inverting Regulators
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Battery-Operated Digital Devices
s
Industrial Power Distribution
s
Avionics Systems
s
Telecom Power Supplies
S
APPLICATI
Figure 1. High Efficiency Step-Down Regulator
LOAD CURRENT (A)
0.02
60
70
80
100
0.2
2
LTC1159 • TA01
90
VIN = 10V
VIN = 20V
FIGURE 1 CIRCUIT
LTC1159-5 Efficiency
0.15
µF
VIN
CAP
P-DRIVE
EXTVCC
LTC1159-5
SHDN1
ITH
CT
S-GND
P-GATE
VCC
VCC
SHDN2
SENSE
SENSE+
P-GND
N-GATE
0.01
µF
Si9410DY
0.1
µF
1N4148
VIN
Si9435DY
D1
MBRS140T3
L*
33
µH
RSENSE
0.05
VOUT
5V/2A
+
COUT
220
µF
+
CIN
100
µF
100V
+
3.3
µF
0V = NORMAL
>2V = SHUTDOWN
3300pF
CT
300pF
1k
LTC1159 • F01
*COILTRONICS CTX33-4-MP
APPLICATI
TYPICAL
Burst Mode is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1159CG-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1159CG-3.3 LINER-LTC1159CG-3.3 Datasheet
280Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1159CG-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com