Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1943 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1943
Description  High Current Quad Output Regulator for TFT LCD Panels
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1943 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1943_15 Datasheet HTML 7Page - Linear Technology LT1943_15 Datasheet HTML 8Page - Linear Technology LT1943_15 Datasheet HTML 9Page - Linear Technology LT1943_15 Datasheet HTML 10Page - Linear Technology LT1943_15 Datasheet HTML 11Page - Linear Technology LT1943_15 Datasheet HTML 12Page - Linear Technology LT1943_15 Datasheet HTML 13Page - Linear Technology LT1943_15 Datasheet HTML 14Page - Linear Technology LT1943_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1943
11
1943fa
The control loop for the four switchers is similar. A pulse
from the slave oscillator sets the RS latch and turns on the
internal NPN bipolar power switch. Current in the switch
and the external inductor begins to increase. When this
current exceeds a level determined by the voltage at VC, the
current comparator resets the latch, turning off the switch.
The current in the inductor flows through the Schottky
diode and begins to decrease. The cycle begins again at the
next pulse from the oscillator. In this way, the voltage on
the VC pin controls the current through the inductor to the
output. The internal error amplifier regulates the output
voltage by continually adjusting the VC pin voltage. The
threshold for switching on the VC pin is 0.8V, and an active
clamp of 1.8V limits the output current. The RUN/SS and
SS-234 pins also clamp the VC pin voltage. As the internal
current source charges the external soft-start capacitor,
the current limit increases slowly.
Each switcher contains an extra, independent oscillator to
perform frequency foldback during overload conditions.
This slave oscillator is normally synchronized to the mas-
ter oscillator. A comparator senses when VFB is less than
0.5V and switches the regulator from the master oscillator
to a slower slave oscillator. The VFB pin is less than 0.5V
during startup, short-circuit, and overload conditions.
Frequency foldback helps limit switch current and power
dissipation under these conditions.
The switch driver for SW1 operates either from VIN or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to saturate the
internal bipolar NPN power switch for efficient operation.
STEP-DOWN CONSIDERATIONS
FB Resistor Network
The output voltage for switcher 1 is programmed with a
resistor divider (refer to the Block Diagram) between the
output and the FB pin. Choose the resistors according to:
R2 = R1(VOUT/1.25V – 1)
R1 should be 10k
Ω or less to avoid bias current errors.
Input Voltage Range
The minimum operating voltage of switcher 1 is deter-
mined either by the LT1943’s undervoltage lockout of ~4V,
or by its maximum duty cycle. The duty cycle is the fraction
of time that the internal switch is on and is determined by
the input and output voltages:
DC = (VOUT + VF)/(VIN – VSW + VF)
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load). This leads to a minimum input
voltage of
VIN(MIN) = (VOUT + VF)/DCMAX – VF + VSW
with DCMAX = 0.82.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = (VOUT + VF)/1.2
where VF is the voltage drop of the catch diode (~0.4V) and
L is in
µH. The inductor’s RMS current rating must be
greater than the maximum load current and its saturation
current should be at least 30% higher. For highest effi-
ciency, the series resistance (DCR) should be less than
0.1
Ω. Table 1 lists several vendors and types that are
suitable.
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A
larger value inductor provides a higher maximum load
current, and reduces the output voltage ripple. If your load
is lower than the maximum load current, then you can
relax the value of the inductor and operate with higher
ripple current. This allows you to use a physically smaller
inductor, or one with a lower DCR resulting in higher
efficiency. Be aware that the maximum load current
depends on input voltage. A graph in the Typical Perfor-
mance section of this data sheet shows the maximum load
current as a function of input voltage and inductor value
for VOUT = 3.3V. In addition, low inductance may result in
discontinuous mode operation, which further reduces
OPERATIO


Similar Part No. - LT1943_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
More results

Similar Description - LT1943_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
   High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
   High Current Quad Output Regulator for TFT LCD Panels
LT3513 LINER-LT3513_15 Datasheet
384Kb / 22P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
LT3513 LINER-LT3513 Datasheet
261Kb / 20P
   2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
National Semiconductor ...
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
   TFT-LCD Quad, 13V RRIO High Output Current
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com