Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1068 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1068
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068 Datasheet(HTML) 1 Page - Linear Technology

  LTC1068_15 Datasheet HTML 1Page - Linear Technology LTC1068_15 Datasheet HTML 2Page - Linear Technology LTC1068_15 Datasheet HTML 3Page - Linear Technology LTC1068_15 Datasheet HTML 4Page - Linear Technology LTC1068_15 Datasheet HTML 5Page - Linear Technology LTC1068_15 Datasheet HTML 6Page - Linear Technology LTC1068_15 Datasheet HTML 7Page - Linear Technology LTC1068_15 Datasheet HTML 8Page - Linear Technology LTC1068_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC1068 Series
1
1068fc
TYPICAL APPLICATION
DESCRIPTION
Clock-Tunable, Quad
Second Order, Filter Building Blocks
The LTC®1068 product family consists of four monolithic
clock-tunable filter building blocks. Each product contains
fourmatched,lownoise,highaccuracy2ndorderswitched-
capacitor filter sections. An external clock tunes the center
frequency of each 2nd order filter section. The LTC1068
products differ only in their clock-to-center frequency
ratio. The clock-to-center frequency ratio is set to 200:1
(LTC1068-200), 100:1 (LTC1068), 50:1 (LTC1068-50) or
25:1(LTC1068-25).Externalresistorscanmodifytheclock-
to-center frequency ratio. High performance, quad 2nd
order, dual 4th order or 8th order filters can be designed
with an LTC1068 family product. Designing filters with an
LTC1068 product is fully supported by FilterCAD™ filter
design software for Windows.
The LTC1068 products are available in a 28-pin SSOP
surface mount package. A customized version of an
LTC1068 family product can be obtained in a 16-lead SO
package with internal thin-film resistors. Please contact
LTC Marketing for details.
Gain vs Frequency
FEATURES
APPLICATIONS
n
Four Identical 2nd Order Filter Sections in an
SSOP Package
n
2nd Order Section Center Frequency Error:
±0.3% Typical and ±0.8% Maximum
n
Low Noise per 2nd Order Section, Q ≤ 5:
LTC1068-200 50µVRMS, LTC1068 50µVRMS
LTC1068-50 75µVRMS, LTC1068-25 90µVRMS
n
Low Power Supply Current: 4.5mA, Single 5V,
LTC1068-50
n
Operation with ±5V Power Supply, Single 5V
Supply or Single 3.3V Supply
n
Lowpass or Highpass Filters:
LTC1068-200, 0.5Hz to 25kHz; LTC1068, 1Hz to
50kHz; LTC1068-50, 2Hz to 50kHz; LTC1068-25,
4Hz to 200kHz
n
Bandpass or Bandreject (Notch) Filters:
LTC1068-200, 0.5Hz to 15kHz; LTC1068, 1Hz to
30kHz; LTC1068-50, 2Hz to 30kHz; LTC1068-25,
4Hz to 140kHz
Dual, Matched, 4th Order Butterworth Lowpass Filters, Clock-Tunable Up
to 200kHz f – 3dB = fCLK/25, 4th Order Filter Noise = 60µVRMS
INV B
HPB/NB
BPB
LPB
SB
NC
AGND
V+
NC
SA
LPA
BPA
HPA/NA
INVA
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
INV C
HPC/NC
BPC
LPC
SC
V
NC
CLK
NC
SD
LPD
BPD
HPD/ND
INVD
LTC1068-25
R31 20k
R33 20k
R23 14k
R13 20k
0.1µF
R21 14k
R22 20k
R12 14k
R32 10k
R34 10k
R24 20k
R14 14k
R11 20k
VIN1
VIN2
5V
1µF
VOUT1
VOUT2
1068 TA01
–5V
fCLK = (25)(f – 3dB)
RELATIVE FREQUENCY [fIN/(f – 3dB)]
0.1
–10
–20
–30
–40
–50
–60
–70
–80
1
10
1068 TA02
10
0
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
FilterCAD is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTC1068_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG-PBF LINER-LTC1068-200CG-PBF Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200IG LINER-LTC1068-200IG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200IG-PBF LINER-LTC1068-200IG-PBF Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com