Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1266-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1266-3.3
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1266-3.3_15 Datasheet HTML 5Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 6Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 7Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 8Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 9Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 10Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 11Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 12Page - Linear Technology LTC1266-3.3_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1266
LTC1266-3.3/LTC1266-5
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
The LTC1266 series current comparator has a threshold
range which extends from a minimum of 25mV/RSENSE
(when Burst Mode operation is enabled) to a maximum of
155mV/RSENSE. The current comparator threshold sets
the peak of the inductor ripple current, yielding a maxi-
mum output current IMAX equal to the peak value less half
the peak-to-peak ripple current. For proper Burst Mode
operation, IRIPPLE(P-P) must be less than or equal to the
minimum current comparator threshold.
Since efficiency generally increases with ripple current,
the maximum allowable ripple current is assumed, i.e.,
IRIPPLE(P-P) = 25mV/RSENSE (see CT and L Selection for
Operating Frequency). Solving for RSENSE and allowing
a margin for variations in the LTC1266 series and
external component values yields:
RSENSE =
100mV
IMAX
A graph for selecting RSENSE vs maximum output
current is given in Figure 2.
IBURST
15mV
RSENSE
ISC(PK) =
155mV
RSENSE
The LTC1266 series automatically extends tOFF during a
short circuit to allow sufficient time for the inductor
current to decay between switch cycles. The resulting
ripple current causes the average short-circuit current
ISC(AVG) to be reduced to approximately IMAX.
L and CT Selection for Operating Frequency
The LTC1266 series uses a constant off-time architecture
with tOFF determined by an external timing capacitor CT.
Each time the topside MOSFET switch turns on, the
voltage on CT is reset to approximately 3.3V. During the
off-time, CT is discharged by a current which is propor-
tional to VOUT. The voltage on CT is analogous to the
current in inductor L, which likewise decays at a rate
proportional to VOUT. Thus the inductor value must track
the timing capacitor value.
The value of CT is calculated from the desired continuous
mode operating frequency, f:
CT =
1
2.6 • 104 • f
assumes VIN = 2VOUT, (Figure 1 circuit).
A graph for selecting CT vs frequency including the effects
of input voltage is given in Figure 3.
Figure 2. Selecting RSENSE
The load current, below which Burst Mode operation
commences, (IBURST), and the peak short-circuit cur-
rent, (ISC(PK)), both track IMAX. Once RSENSE has been
chosen, IBURST and ISC(PK) can be predicted from the
following:
MAXIMUM OUTPUT CURRENT (A)
0
75
100
1266 F02
50
25
0
4
8
2
6
10
Figure 3. Timing Capacitor Value
FREQUENCY (kHz)
0
0
200
400
100
200
300
400
1266 F03
600
800
500
VIN = 12V
VIN = 5V
VOUT = 3.3V
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1266-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-3.3 LINER-LTC1266-3.3 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3 Datasheet
250Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266 Datasheet
250Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com