Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1199L Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1199L
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199L Datasheet(HTML) 4 Page - Linear Technology

  LTC1199L Datasheet HTML 1Page - Linear Technology LTC1199L Datasheet HTML 2Page - Linear Technology LTC1199L Datasheet HTML 3Page - Linear Technology LTC1199L Datasheet HTML 4Page - Linear Technology LTC1199L Datasheet HTML 5Page - Linear Technology LTC1199L Datasheet HTML 6Page - Linear Technology LTC1199L Datasheet HTML 7Page - Linear Technology LTC1199L Datasheet HTML 8Page - Linear Technology LTC1199L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1197/LTC1197L
LTC1199/LTC1199L
VCC = 2.7V, VREF = 2.5V (LTC1197L), fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CONVERTER AND MULTIPLEXER CHARACTERISTICS
– 0.05V to VCC + 0.05V
DYNAMIC ACCURACY
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus
100kHz Input Signal
60
60
dB
Distortion Ratio
THD
Total Harmonic Distortion
100kHz Input Signal
– 64
– 64
dB
First 5 Harmonics
Peak Harmonic or Spurious Noise
100kHz Input Signal
– 68
– 68
dB
IMD
Intermodulation Distortion
fIN1 = 97.046kHz, fIN2 = 102.905kHz
2nd Order Terms
– 65
– 65
dB
3rd Order Terms
– 70
– 70
dB
VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1197L
LTC1199L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus
50kHz Input Signal
58
58
dB
Distortion Ratio
THD
Total Harmonic Distortion
50kHz Input Signal
– 60
– 60
dB
First 5 Harmonics
Peak Harmonic or Spurious Noise
50kHz Input Signal
– 63
– 63
dB
IMD
Intermodulation Distortion
fIN1 = 48.5kHz, fIN2 = 51.5kHz
2nd Order Terms
– 60
– 60
dB
3rd Order Terms
– 65
– 65
dB
LTC1197L
LTC1199L
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
q
±2
±2
LSB
Linearity Error
(Note 3)
q
±1
±1
LSB
Gain Error
q
±4
±4
LSB
No Missing Codes Resolution
q
10
10
Bits
Analog Input Range
V
Reference Input Range
LTC1197L
0.2
VCC + 0.05V
V
Analog Input Leakage Current
(Note 4)
q
±1
±1
µA


Similar Part No. - LTC1199L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199L LINER-LTC1199L Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCMS8 LINER-LTC1199LCMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCS8 LINER-LTC1199LCS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LIMS8 LINER-LTC1199LIMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LIS8 LINER-LTC1199LIS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com