Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1264CN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1264CN
Description  High Speed, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CN Datasheet(HTML) 5 Page - Linear Technology

  LTC1264CN Datasheet HTML 1Page - Linear Technology LTC1264CN Datasheet HTML 2Page - Linear Technology LTC1264CN Datasheet HTML 3Page - Linear Technology LTC1264CN Datasheet HTML 4Page - Linear Technology LTC1264CN Datasheet HTML 5Page - Linear Technology LTC1264CN Datasheet HTML 6Page - Linear Technology LTC1264CN Datasheet HTML 7Page - Linear Technology LTC1264CN Datasheet HTML 8Page - Linear Technology LTC1264CN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1264
V +, V (Pins 7, 19): Power Supply Pins. The V+ (Pin 7) and
the V (Pin 19) should each be bypassed with a 0.1
µF
capacitor to an adequate analog ground. The filter’s power
supplies should be isolated from other digital or high
voltage analog supplies. A low noise linear supply is
recommended. Using a switching power supply will lower
the signal-to-noise ratio of the filter. The supply during
power-up should have a slew rate less than 1V/
µs. When
V + is applied before V and V is allowed to go above
ground, a diode should clamp V to prevent latch-up.
Figures 1 and 2 show typical connections for dual and
single supply operation.
AGND (Pin 6): Analog Ground Pin. The filter performance
depends on the quality of the analog signal ground. For
either dual or single supply operation, an analog ground
plane surrounding the package is recommended. The
analog ground plane should be connected to any digital
ground at a single point. For dual supply operation, Pin 6
should be connected to the analog ground plane. For
single supply operation, Pin 6 should be biased at 1/2
supply and should be bypassed to the analog ground plane
with at least a 1
µF capacitor (Figure 2). For single 5V
operation and fCLK greater than 1MHz, pin 6 should be
biased at 2V. This minimizes passband gain and phase
variations.
Figure 2. Single Supply Ground Plane Connections
Figure 1. Dual Supply Ground Plane Connections
1
µF
1264 F02
200
V+
LTC1264
CLOCK
SOURCE
ANALOG
GROUND
PLANE
24
23
22
21
20
*
19
18
17
*
16
15
14
13
1
2
3
4
*5
6
7
*8
9
10
11
12
DIGITAL
GROUND
PLANE
5k
V+/2
5k
V+
* FOR MODE 3, THE S NODE PINS 5, 8,
17, 20 SHOULD BE TIED TO PIN 6
STAR
SYSTEM
GROUND
+
0.1
µF
–7.5V
1264 F01
200
7.5V
LTC1264
CLOCK
SOURCE
0.1
µF
ANALOG
GROUND
PLANE
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
STAR
SYSTEM
GROUND
DIGITAL
GROUND
PLANE
*
* OPTIONAL, 1N4148, 1N5819
PI FU CTIO S


Similar Part No. - LTC1264CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264CN LINER-LTC1264CN Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
More results

Similar Description - LTC1264CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com