Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1198-2BCS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1198-2BCS8
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1198-2BCS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1198-2BCS8 Datasheet HTML 3Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 4Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 5Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 6Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 7Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 8Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 9Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 10Page - Linear Technology LTC1198-2BCS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1196/LTC1198
FREQUENCY (MHz)
0
12
9
8
7
6
5
4
3
2
1
0
1196/98 G01
216
46
8
10
14
TA = 25°C
CS = 0V
VREF = VCC
VCC = 5V
VCC = 2.7V
Supply Current vs Clock Rate
Supply Current vs Supply Voltage
Supply Current vs Sample Rate
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–55
10
9
8
7
6
5
4
3
2
1
0
–15
25
45
125
1196/98 G04
–35
5
65
85 105
CS = 0V
VCC = 5V
VCC = 2.7V
Supply Current vs Temperature
Offset vs Reference Voltage
Offset vs Supply Voltage
Linearity Error vs
Reference Voltage
Linearity Error vs Supply Voltage
SUPPLY VOLTAGE (V)
2.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3.5
4.5
5.0
1196/98 G06
3.0
4.0
5.5
6.0
TA = 25°C
VREF = VCC
fCLK = 3MHz
REFERENCE VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1196/98 G07
0.5
5.0
3.5
2.5
4.0
1.0
2.0
1.5
4.5
3.0
TA = 25°C
VCC = 5V
fCLK = 12MHz
SUPPLY VOLTAGE (V)
2.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3.5
4.5
5.0
1196/98 G08
3.0
4.0
5.5
6.0
TA = 25°C
VREF = VCC
fCLK = 3MHz
Gain Error vs Reference Voltage
SUPPLY VOLTAGE (V)
2.5
14
12
10
8
6
4
2
0
4.0
5.0
1196/98 G02
3.0
3.5
4.5
5.5
6.0
TA = 25°C
0.000002
LTC1196
LTC1198
“ACTIVE” MODE
CS = 0V
“SHUTDOWN” MODE
CS = VCC
LTC1198
SAMPLE RATE (Hz)
0.01
0.1
1
10
100
10k
100k
1196/98 G03
0.001
1k
1M
LT1196 VCC = 5V
LT1196 VCC = 2.7V
LT1198 VCC = 5V
LT1198 VCC = 2.7V
TA = 25°C
REFERENCE VOLTAGE (V)
0.5
5.0
1196/98 G05
3.5
2.5
4.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.0
2.0
1.5
4.5
3.0
TA = 25°C
VCC = 5V
fCLK = 12MHz
REFERENCE VOLTAGE (V)
0
4.0
1196/98 G09
1.0
2.0
3.0
5.0
0.5
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
fCLK = 12MHz
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5


Similar Part No. - LTC1198-2BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198-2BCS8-PBF LINER-LTC1198-2BCS8-PBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198-2BCS8-TRPBF LINER-LTC1198-2BCS8-TRPBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1198-2BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com