Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1265I Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1265I
Description  1.2A, High Efficiency Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265I Datasheet(HTML) 3 Page - Linear Technology

  LTC1265I Datasheet HTML 1Page - Linear Technology LTC1265I Datasheet HTML 2Page - Linear Technology LTC1265I Datasheet HTML 3Page - Linear Technology LTC1265I Datasheet HTML 4Page - Linear Technology LTC1265I Datasheet HTML 5Page - Linear Technology LTC1265I Datasheet HTML 6Page - Linear Technology LTC1265I Datasheet HTML 7Page - Linear Technology LTC1265I Datasheet HTML 8Page - Linear Technology LTC1265I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1265/LTC1265-3.3/LTC1265-5
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 4: In applications where RSENSE is placed at ground potential, the
off time increases by approximately 40%.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1265CS, LTC1265CS-3.3, LTC1265CS-5:
TJ = TA + (PD • 110°C/W)
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0.01
70
75
80
85
90
100
0.10
1.00
1265 G01
95
VIN = 5V
VIN = 9V
VIN = 12V
LTC1265-3.3
VOUT = 3.3V
RSENSE = 0.1Ω
CT = 130pF
COIL = CTX33-4
INPUT VOLTAGE (V)
4
80
82
86
88
90
100
94
6
8
913
LTC1265 G03
84
96
98
92
57
10
11
12
ILOAD = 250mA
ILOAD = 800mA
LTC1265-3.3
RSENSE = 0.1Ω
CT = 130pF
COIL = CTX33-4
INPUT VOLTAGE (V)
4
80
82
86
88
90
100
94
6
8
913
1265 G02
84
96
98
92
57
10
11
12
ILOAD = 250mA
ILOAD = 800mA
LTC1265-5
RSENSE = 0.1Ω
CT = 130pF
COIL = CTX33-4
Switch Resistance
INPUT VOLTAGE (V)
3
0
0.1
0.3
0.4
0.5
7
11
13
0.9
1265 G05
0.2
59
6
10
12
48
0.6
0.7
0.8
TJ = 70°C
TJ = 125°C
TJ = 25°C
TJ = 0°C
(VIN – VOUT) VOLTAGE (V)
0
0.4
0.8
1.2
1.0
0.6
0.2
2
14
6
8
1265 G04
10
03
5
7
9
0
°C
25
°C
70
°C
Operating Frequency
vs (VIN – VOUT)
Efficiency vs Input Voltage
(VOUT = 3.3V)
Efficiency vs Input Voltage
(VOUT = 5V)
Efficiency vs Load Current
Switch Leakage Current
TEMPERATURE (
°C)
0
180
240
300
270
210
150
90
30
80
1265 G06
120
60
0
20
40
60
100
VIN = 12V
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Shutdown Pin High
Min Voltage at Pin 10 for Device to be in Shutdown
1.2
V
VIL
Shutdown Pin Low
Max Voltage at Pin 10 for Device to be Active
0.6
V
I10
Shutdown Pin Input Current
VSHDN = 8V
0.5
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = 0V, unless otherwise specified.


Similar Part No. - LTC1265I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1265I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com