Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-213B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZW04-213B
Description  Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-213B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZW04-213B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-213B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-213B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-213B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-213B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-213B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CREAT BY ART
(TA=25
oC unless otherwise noted)
Document Number: DS_D1406028
Version: H14
BZW04 SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (oC)
FIG.2 PULSE DERATING CURVE
0
20
40
60
80
100
120
140
00.511.522.533.5
4
t, TIME ms
FIG. 3 CLAMPING POWER PULSE WAVEFORM
td
Peak Value
IPPM
tr=10μs
Half Value-
10/1000μs, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
tp, PULSE WIDTH, (mS)
FIG. 1 PEAK PULSE POWER RATING CURVE
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA = 25oC
0
10
20
30
40
50
110
100
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
8.3ms Single Half
Sine Wave
0
0.25
0.5
0.75
1
1.25
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (oC)
FIG.4 STEADY STATE POWER DERATING CURVE


Similar Part No. - BZW04-213B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-213B STMICROELECTRONICS-BZW04-213B Datasheet
130Kb / 6P
   TRANSIL
logo
Galaxy Semi-Conductor H...
BZW04-213B BILIN-BZW04-213B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-213B VISHAY-BZW04-213B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-213B TAYCHIPST-BZW04-213B Datasheet
3Mb / 3P
   Voltage regulator dides
BZW04-213B TAYCHIPST-BZW04-213B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - BZW04-213B

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com