Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1274IS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1274IS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274IS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1274IS Datasheet HTML 7Page - Linear Technology LTC1274IS Datasheet HTML 8Page - Linear Technology LTC1274IS Datasheet HTML 9Page - Linear Technology LTC1274IS Datasheet HTML 10Page - Linear Technology LTC1274IS Datasheet HTML 11Page - Linear Technology LTC1274IS Datasheet HTML 12Page - Linear Technology LTC1274IS Datasheet HTML 13Page - Linear Technology LTC1274IS Datasheet HTML 14Page - Linear Technology LTC1274IS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1274/LTC1277
APPLICATIONS INFORMATION
using an FFT algorithm, the ADCs’ spectral content can be
examined for frequencies outside the fundamental. Figures
2a and 2b show typical LTC1274 FFT plots.
Signal-to-Noise Ratio
The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is
the ratio between the RMS amplitude of the fundamental
input frequency to the RMS amplitude of all other fre-
quency components at the A/D output. The output is band
limited to frequencies above DC and below half the sam-
pling frequency. Figure 2a shows a typical spectral content
with a 100kHz sampling rate and a 48.85kHz input. The
dynamic performance is excellent for input frequencies well
beyond Nyquist as shown in Figure 2b and Figure 3.
INPUT FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
10
20
30
40
LTC1274/77 • F02a
50
fSAMPLE = 100kHz
fIN = 48.85kHz
Figure 2a. LTC1274 Nonaveraged, 4096 Point
FFT Plot with 50kHz Input Frequency
INPUT FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
10
20
30
40
LTC1274/77 • F02b
50
fSAMPLE = 100kHz
fIN = 97.68kHz
Figure 2b. LTC1274 Nonaveraged, 4096 Point
FFT Plot with 100kHz Input Frequency
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the Effective Number of Bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 100kHz, the LTC1274/LTC1277 maintain very
good ENOBs over 300kHz. Refer to Figure 3.
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamen-
tal itself. The out-of-band harmonics alias into the
frequency band between DC and half the sampling
frequency. THD is expressed as:
THD = 20log
√V
2
2 + V32 + V42 ... + VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics. THD versus input fre-
INPUT FREQUENCY (Hz)
10k
12
11
10
9
8
7
6
5
4
3
2
1
0
74
68
62
56
50
100k
1M
2M
LTC1274/77 • F03
fSAMPLE = 100kHz
NYQUIST
FREQUENCY
Figure 3. ENOBs and S/(N + D) vs Input Frequency


Similar Part No. - LTC1274IS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results

Similar Description - LTC1274IS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1277 LINER-LTC1277_15 Datasheet
240Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1274 LINER-LTC1274_15 Datasheet
240Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com