Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


LTC1287 Datasheet(PDF) 4 Page - Linear Technology

Part No. LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

 
 4 page
background image
4
LTC1287
REFERENCE VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
0.5
1.0
1.5
2.0
LTC1287 G4
2.5
3.0
VCC = 3V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Supply Voltage
Change in Linearity vs Reference
Voltage
Change in Gain vs Temperature
DOUT Delay Time vs Temperature
Change in Offset vs Temperature
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE (V)
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.5
1.0
1.5
2.0
LTC1287 G5
2.5
3.0
VCC = 3V
Supply Current vs Temperature
REFERENCE VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
2.0
0.9
LTC1287 G3
0.2
1.0
3.0
0.6
0.7
0.8
0.5
1.5
2.5
VCC = 3V
VOS = 0.250mV
VOS = 0.125mV
Unadjusted Offset Voltage vs
Reference Voltage
AMBIENT TEMPERATURE (°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G6
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz
Change in Linearity vs
Temperature
AMBIENT TEMPERATURE (°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G7
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz
AMBIENT TEMPERATURE (°C)
–40
200
250
350
20
60
LTC1287 G9
150
100
–20
0
40
80
100
50
0
300
VCC = 3V
MSB-FIRST DATA
LSB-FIRST DATA
SUPPLY VOLTAGE (V)
2.7
0.8
1.0
1.4
1.6
1.8
2.8
2.2
2.9
3.1 3.2
3.6
LTC1287 G1
1.2
2.4
2.6
2.0
2.8
3.0
3.3 3.4 3.5
CLK = 500kHz
TA = 25°C
TEMPERATURE (°C)
–40
1.3
1.4
1.6
1.7
1.8
–10
20
35
95
LTC1287 G2
1.5
–25
5
50
65
80
1.9
CLK = 500kHz
VCC = 3V
AMBIENT TEMPERATURE (°C)
–40
0
0.2
0.5
0
40
60
LTC1287 G8
0.1
0.4
0.3
–20
20
80
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC12893 Volt Single Chip 12-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
LTC1290Single Chip 12-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
LTC1291Single Chip 12-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
LTC1293Single Chip 12-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
LTC12833V Single Chip 10-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
LTC1292Single Chip 12-Bit Data Acquisition Systems 1 2 3 4 5 MoreLinear Technology
LTC1090Single Chip 10-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
AD7890LC2MOS 8-Channel 12-Bit Serial Data Acquisition System 1 2 3 4 5 MoreAnalog Devices
ADS783310-Channel 12-Bit DATA ACQUISITION SYSTEM 1 2 3 4 5 MoreBurr-Brown (TI)
LTC1090CSSingle Chip 10-Bit Data Acquisition System  1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl